Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP64-05W Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAP64-05W
Description  Low diode capacitance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAP64-05W Datasheet(HTML) 1 Page - Micro Commercial Components

  BAP64-05W Datasheet HTML 1Page - Micro Commercial Components BAP64-05W Datasheet HTML 2Page - Micro Commercial Components BAP64-05W Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAP64-05W
General
Purpose Pin Diodes
200mW
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Parameter
Symbol
Limits
Unit
Continuous Reverse Voltage
VR
175
V
Forward Current
IF
100
mA
Power Dissipation(TA=90
oC)
PD
200
mW
Junction and Storage temperature
Tj,Pstg
-55~+150
Features
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Low diode capacitance
Low diode forward resistance
Thermal Resistance Junction to
Revision:
C
20
13/09/24
1 of 3
TM
Micro Commercial Components
Moisture Sensitivity Level 1
Maximum Ratings @ 25°C Unless Otherwise Specified
Ambient
RthJA
625
oC/W
Parameter
Symbol Min. TYP
Max. Unit
Conditions
Reverse Voltage
IR
10
VR=175V
Diode forward
rD
2
3.8
IF=10mA , f=100MHz
1.0
VR=20V
Forward voltage
VF
1.1
V
IF=50mA
Diode capacitance
Cd3
0.23 0.35
pF
VR=20V,f=1MHz
Cd1
0
.52
pF VR=0V,f=1MHz
Cd2
0.37 0.5
pF
VR=1V,f=1MHz
rD
2
0
40
IF=0.5mA, f=100MHz
rD
10
20
IF=1mA , f=100MHz
Leakage
Electrical Characteristics @ 25
°C Unless Otherwise Specified
www.mccsemi.com
uA
Current
rD
0.7
1.35
IF=100mA , f=100MHz
resistance
Charge carrier
τL
when switched from
IF=10mAtoIR=6mA;RL=
1
00Ω;measuredatIR=3mA
1.55
μS
life time
Series inductance
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
BAP64-04W
BAP64-06W
1.6
nH
IF=100mA, f=100MHz
1.4
nH
IF=100mA, f=100MHz
BAP64-04W/06W
BAP64-05W
Ls
3
1
2
C
.083
.096
2.10
2.45
K
.006
.016
.15
.40


Similar Part No. - BAP64-05W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP64-05W PHILIPS-BAP64-05W Datasheet
91Kb / 8P
   Silicon PIN diode
2000 June 15
logo
SeCoS Halbleitertechnol...
BAP64-05W SECOS-BAP64-05W Datasheet
191Kb / 2P
   Small Signal General Purpose Pin Diode
logo
Micro Commercial Compon...
BAP64-05W MCC-BAP64-05W Datasheet
487Kb / 3P
   General Purpose Pin Diodes 200mW
logo
Shenzhen Jin Yu Semicon...
BAP64-05W HTSEMI-BAP64-05W Datasheet
1Mb / 2P
   PIN DIODES
logo
NXP Semiconductors
BAP64-05W NXP-BAP64-05W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BAP64-05W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP1301ML3T1G ONSEMI-NUP1301ML3T1G Datasheet
122Kb / 4P
   Low Capacitance Diode
October, 2016 ??Rev. 7
logo
Infineon Technologies A...
ESD8V0L INFINEON-ESD8V0L_09 Datasheet
570Kb / 9P
   Low Capacitance TVS Diode
2009-07-07
logo
ON Semiconductor
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
   Low Capacitance Diode Array
September, 2014 ??Rev. 7
logo
Shanghai Leiditech Elec...
LC12I LEIDITECH-LC12I Datasheet
130Kb / 3P
   LOW CAPACITANCE TVS DIODE
LC3301CW LEIDITECH-LC3301CW Datasheet
130Kb / 3P
   LOW CAPACITANCE TVS DIODE
LC03ILVB LEIDITECH-LC03ILVB Datasheet
816Kb / 6P
   LOW CAPACITANCE TVS DIODE
LC2511CCW LEIDITECH-LC2511CCW Datasheet
356Kb / 3P
   LOW CAPACITANCE TVS DIODE
ESD3F7VW LEIDITECH-ESD3F7VW Datasheet
645Kb / 4P
   LOW CAPACITANCE TVS DIODE
logo
Diodes Incorporated
T5V0LCS5 DIODES-T5V0LCS5 Datasheet
359Kb / 4P
   LOW CAPACITANCE TVS DIODE
October 2021
logo
TECH PUBLIC Electronics...
TPESD0522P TECHPUBLIC-TPESD0522P Datasheet
1Mb / 4P
   Low Capacitance TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com