Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1163K351B-TR Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1163K351B-TR
Description  3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1163K351B-TR Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1163K351B-TR Datasheet HTML 1Page - RICOH electronics devices division R1163K351B-TR Datasheet HTML 2Page - RICOH electronics devices division R1163K351B-TR Datasheet HTML 3Page - RICOH electronics devices division R1163K351B-TR Datasheet HTML 4Page - RICOH electronics devices division R1163K351B-TR Datasheet HTML 5Page - RICOH electronics devices division R1163K351B-TR Datasheet HTML 6Page - RICOH electronics devices division R1163K351B-TR Datasheet HTML 7Page - RICOH electronics devices division R1163K351B-TR Datasheet HTML 8Page - RICOH electronics devices division R1163K351B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
R1163x
5
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.5
V
VECO
Input Voltage (ECO/ECO Pin)
−0.3 ~ 6.5
V
VCE
Input Voltage (CE Pin)
−0.3 ~ 6.5
V
VOUT
Output Voltage
−0.3 ~ 6.5
V
IOUT
Output Current
180
mA
PD
Power Dissipation (DFN(PLP)1616-6)*
640
mW
Power Dissipation (SOT-23-5) *
420
Power Dissipation (SON-6) *
500
Topt
Operating Temperature Range
−40 ~ 85
°C
Tstg
Storage Temperature Range
−55 ~ 125
°C
∗) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field.
The functional operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - R1163K351B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163K351B RICOH-R1163K351B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1163K351B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com