Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1172H501A-T1-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1172H501A-T1-FE
Description  SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1172H501A-T1-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1172H501A-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1172H501A-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1172H501A-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1172H501A-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1172H501A-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1172H501A-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1172H501A-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1172H501A-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1172H501A-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
R1172x SERIES
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
NO.EA-122-130924
1
OUTLINE
The R1172x Series are CMOS-based positive voltage regulator ICs. The R1172x Series have features of super
low dropout, 1A output current capability. Even the output voltage is set at 1.5V, on resistance of internal FET is
typically 0.32
Ω. Therefore, applications that require a large current at small dropout are suitable for the R1172x
series. Low input voltage is acceptable and low output voltage can be set. The minimum input voltage is 1.4V,
and the lowest set output voltage is 0.8V. Each of these ICs consists of a voltage reference unit, an error
amplifier, resistor net for setting output voltage, a current limit circuit at over-current, a chip enable circuit, a
thermal-shutdown circuit, and so on. A stand-by mode with ultra low consumption current can be realized with
the chip enable pin. The output voltage of R1172 is fixed in the IC.
Since the packages for these ICs are SOT-23-5, SOT-89-5, HSON-6, and HSOP-6J with high power
dissipation, high density mounting of the ICs on boards is possible.
FEATURES
• Output Current ............................................................ 1A
• Supply Current ............................................................. Typ. 60μA
• Standby Current .......................................................... Typ. 0.1μA
• Input Voltage Range ................................................... 1.4V to 6.0V
• Output Voltage.............................................................. 0.8V to 5.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Dropout Voltage............................................................ Typ. 0.32V (VOUT=1.5V, IOUT=1A)
Typ. 0.18V (VOUT
=2.8V, IOUT=1A)
• Ripple Rejection ........................................................... Typ. 70dB (VOUT=2.8V)
• Output Voltage Accuracy.............................................. ±2.0%
• Temperature-Drift Coefficient of Output Voltage .......... Typ. ±100ppm/°C
• Line Regulation ............................................................ Typ. 0.05%/V
• Load Regulation ......................................................... Typ. 15mV at IOUT=300mA, Typ. 50mV at IOUT=1A
• Packages .................................................................... SOT-23-5, SOT-89-5, HSON-6, HSOP-6J
• Built-in Inrush current limit circuit ............................... Typ. 500 mA
• Built-in Fold-Back Protection Circuit ........................... Typ. 250mA (Current at short mode)
• Built-in Thermal Shutdown Circuit .............................. Thermal Shutdown Temperature ; Typ. 150°C
Released Temperature ; Typ. 120
°C
• Built-in Auto Discharge Function ................................ D Version
• Output capacitors ....................................................... CIN=COUT=Tantalum 4.7μF (VOUT < 1.0V)
CIN
=COUT=Ceramic 4.7μF (VOUT >
= 1.0V)
APPLICATIONS
• Local Power source for Notebook PC.
• Local Power source for portable communication equipments, cameras, and VCRs.
• Local Power source for home appliances.


Similar Part No. - R1172H501A-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172H501A RICOH-R1172H501A Datasheet
30Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
More results

Similar Description - R1172H501A-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
logo
Unisonic Technologies
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100_07 Datasheet
707Kb / 15P
   1A Low-Voltage 關Cap LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com