Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHBT-BGA-7002 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CHBT-BGA-7002
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CHBT-BGA-7002 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CHBT-BGA-7002 Datasheet HTML 1Page - Ironwood Electronics. CHBT-BGA-7002 Datasheet HTML 2Page - Ironwood Electronics. CHBT-BGA-7002 Datasheet HTML 3Page - Ironwood Electronics. CHBT-BGA-7002 Datasheet HTML 4Page - Ironwood Electronics. CHBT-BGA-7002 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2
15
12
5
8
1
11
6
19
9
10
20
21
18
6
3
16
4
14
7
13
17
21.725
1.70 (x4)
17.725±0.05 (x4)
4.00 (x4)
2.50
5.00
3.00
2.00 (x5)
0.30
PIN DETAIL
Scale: 16:1
Backing Plate Detail View
ITEM
NO.
DESCRIPTION
Material
1
Socket Base
7075-T6 Aluminum Alloy
2
M10 Comression Screw
7075-T6 Aluminum Alloy
3
Clamshell Latch
7075-T6 Aluminum Alloy
4
Ni plated Clam shell socket lid for 17mm IC
7075-T6 Aluminum Alloy
5
CBT Compression Plate 15mm IC
7075-T6 Aluminum Alloy
6
Middle guide for 15x15mm, 29x29 0.50mm pitch
Semitron MDS 100
7
Bottom guide for 15x15mm, 29x29 0.50mm pitch
Semitron MDS 100
8
Test Chip for 15x15mm 29x29 array 0.50mm pitch
Material <not specified>
9
Test PCB 15x15mm 29x29 array 0.50mm pitch
Material <not specified>
10
Ni plt 5 POST BACKING PLATE 15MM
7075-T6 Aluminum Alloy
11
Floating Guide 29x29 array 0.50mm pitch
Kapton Polyimide/Cirlex
12
Hinge Pin and Snap Ring, 3mm OD, 25mm long, SS
Stainless Steel (ferritic)
13
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
14
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
15
Spring Clamshell lid assembly
Steel Music Wire
16
Precision Compression Spring, Zinc-Plated Music Wire,
1/2" Length, .12" OD, .016" Wire
Zinc Plated Music Wire
17
Floating Guide Spring
Alloy Steel (SS)
18
HyperCore SBT pin, 0.5mm pitch
N/A
19
#0-80, 90 deg., head pin guide screw, Peek material
PEEK unfilled
20
#0-80 x 0.5, SH Cap Screw
18-8 Stainless Steel
21
Insulating washer, 4mm OD.
Kapton Polyimide/Cirlex
22
Insulating disk, 2mm OD with 2 mil thk Adesive
Kapton Polyimide/Cirlex
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy exploded view
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 2/13/13
Material: Material <not specified>
Finish:
Weight: 67.00
CHBT-BGA-7002 Drawing
SCALE: 1.8:1
SHEET: 4 OF 5
ENG: S. Huang
FILE: CHBT-BGA-7002
DRAWN BY: S. Huang


Similar Part No. - CHBT-BGA-7002

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CHBT-BGA-7000 IRONWOOD-CHBT-BGA-7000 Datasheet
415Kb / 5P
   Low and stable contact resistance for reliable production yield
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CHBT-BGA-7002

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com