Electronic Components Datasheet Search |
|
R1172H201A-T1-FE Datasheet(PDF) 4 Page - RICOH electronics devices division |
|
R1172H201A-T1-FE Datasheet(HTML) 4 Page - RICOH electronics devices division |
4 / 25 page R1172x 4 • HSOP-6J Pin No. Symbol Description 1 VOUT Voltage Regulator Output Pin 2 GND*1 Ground Pin 3 CE or CE Chip Enable Pin 4 NC No Connection 5 GND*1 Ground Pin 6 VDD Input Pin ∗1) The GND pin must be wired together when it is mounted on board. ABSOLUTE MAXIMUM RATINGS Symbol Item Rating Unit VIN Input Voltage 6.5 V VCE Input Voltage ( CE or CE Input Pin) −0.3 to 6.5 V VOUT Output Voltage −0.3 to VIN+0.3 V PD Power Dissipation (SOT-23-5) * 420 mW Power Dissipation (SOT-89-5) * 900 Power Dissipation (HSON-6) * 900 Power Dissipation (HSOP-6J) * 1700 Topt Operating Temperature Range −40 to 85 °C Tstg Storage Temperature Range −55 to 125 °C ∗) For Power Dissipation, please refer to PACKAGE INFORMATION. ABSOLUTE MAXIMUM RATINGS Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent damages and may degrade the life time and safety for both device and system using the device in the field. The functional operation at or over these absolute maximum ratings is not assured. RECOMMENDED OPERATING CONDITIONS (ELECTRICAL CHARACTERISTICS) All of electronic equipment should be designed that the mounted semiconductor devices operate within the recommended operating conditions. The semiconductor devices cannot operate normally over the recommended operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. And the semiconductor devices may receive serious damage when they continue to operate over the recommended operating conditions. |
Similar Part No. - R1172H201A-T1-FE |
|
Similar Description - R1172H201A-T1-FE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |