Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1163N501D-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1163N501D-TR-FE
Description  3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1163N501D-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1163N501D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1163N501D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1163N501D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1163N501D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1163N501D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1163N501D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1163N501D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1163N501D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1163N501D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
R1163x
7
R1163xxx1E
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
FT Mode
VIN
=Set VOUT+1V, VECO=GND
1mA <
= IOUT <
= 30mA
×0.985
×1.015
V
LP Mode
VIN
=Set VOUT +1V, VECO=VIN
1mA <
= IOUT <
= 30mA
×0.975
×1.025
ΔVOUT
Output Voltage Deviation
between FT Mode and LP Mode
VIN
=Set VOUT+1V,
IOUT
=30mA
VOUT > 2.0V
−1.2
0
1.2
%
VOUT <
= 2.0V
−24
0
24
mV
IOUT
Output Current
VIN
−VOUT=1.0V
150
mA
ΔVOUT/
ΔIOUT
Load Regulation
FT Mode
VIN
=Set VOUT+1V, VECO=GND
1mA <
= IOUT <
= 150mA
20
40
mV
LP Mode
VIN
=Set VOUT+1V, VECO=VIN
1mA <
= IOUT <
= 150mA
20
45
VDIF
Dropout Voltage
Refer to the following table
ISS1
Supply Current (FT Mode)
VIN
=Set VOUT+1V
VECO
=GND
70
100
μA
ISS2
Supply Current (LP Mode)
VIN
=Set VOUT+1V
VECO
=VIN
6.0
10.0
μA
Istandby Supply Current (Standby)
VIN
=Set VOUT+1V, VCE=GND
VECO
=GND or VIN
0.6
1.0
μA
ΔVOUT/
ΔVIN
Line Regulation
FT Mode
Set VOUT
+0.5V <
= VIN <
= 6.0V
IOUT
=30mA, VECO=GND
If VOUT <
= 1.6V,
then 2.2V <
= VIN <
= 6.0V
0.02
0.10
%/V
LP Mode
Set VOUT
+ 0.5V <
= VIN <
= 6.0V
IOUT
=30mA, VECO=VIN
If VOUT <
= 1.6V,
then 2.2V <
= VIN <
= 6.0V
0.05
0.20
RR
Ripple Rejection (FT Mode)
Ripple 0.2Vp-p
VIN
=Set VOUT+1V,
IOUT
=30mA,
VECO
=GND
If VOUT <
= 1.7V, then
VIN
=Set VOUT+1.2V
f
= 1kHz
70
dB
f
= 10kHz
60
VIN
Input Voltage
2.0
6.0
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
IOUT
= 30mA
−40°C <
= Topt <
= 85°C
±100
ppm
/
°C
ISC
Short Current Limit
VOUT
= 0V
40
mA
IPD
CE Pull-down Current
0.3
0.6
μA
VCEH
CE, ECO Input Voltage "H"
1.0
6.0
V
VCEL
CE, ECO Input Voltage "L"
0
0.4
V
en
Output Noise "H" (FT Mode)
BW
= 10Hz to 100kHz
30
μVrms
Output Noise "L" (LP Mode)
BW
= 10Hz to 100kHz
40
IREV
Reverse Current
VOUT>0.5V, 0V <
= VIN <
= 6V
0
0.1
μA


Similar Part No. - R1163N501D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1163N501-TR-AE NISSHINBO-R1163N501-TR-AE Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
More results

Similar Description - R1163N501D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com