Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1180Q201C-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1180Q201C-TR-FE
Description  150mA LDO REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1180Q201C-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1180Q201C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 12Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 13Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
R1180x
10
4) Output Voltage vs. Temperature (IOUT
=30mA)
R1180x121x (VIN
=2.2V)
R1180x281x (VIN
=3.8V)
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
−40
−15
10
35
60
85
Temperature Topt[
]
2.74
2.76
2.78
2.80
2.82
2.84
2.86
−40
−15
10
35
60
85
Temperature Topt[
]
R1180x361x (VIN
=4.6V)
3.52
3.54
3.56
3.58
3.60
3.62
3.64
3.66
3.68
−40
−15
10
35
60
85
Temperature Topt[
]
5) Supply Current vs. Input Voltage (Topt
=25°C)
R1180x121x
R1180x281x
0.0
0.2
0.4
0.6
0.8
1.0
1.2
01
234
56
Input Voltage VIN[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
01
23
45
6
Input Voltage VIN[V]


Similar Part No. - R1180Q201C-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1180Q201C RICOH-R1180Q201C Datasheet
725Kb / 24P
   150mA LDO REGULATOR
R1180Q201C RICOH-R1180Q201C Datasheet
60Kb / 1P
   SERIES MARK SPECIFICATION
More results

Similar Description - R1180Q201C-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com