Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1180Q201C-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1180Q201C-TR-FE
Description  150mA LDO REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1180Q201C-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1180Q201C-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1180Q201C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
R1180x SERIES
150mA LDO REGULATOR
NO.EA-105-111027
1
OUTLINE
The R1180x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low
supply current, and low ON-resistance. Each of these ICs consists of a voltage reference unit, an error amplifier,
resistor-net for voltage setting, a current limit circuit which prevents the destruction by excess current, and so on.
The output voltage of these ICs is fixed with high accuracy. B version has a chip enable pin, therefore ultra-low
consumption current standby mode can be realized with the pin.
Since the packages for these ICs are SOT-23-5 (R1180N Series), SC-82AB (R1180Q Series), and SON1612-6
(R1180D Series), therefore high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current ......................................................... Typ. 1μA
(Except the current through CE pull-down circuit)
• Standby Mode .......................................................... Typ. 0.1μA
• Dropout Voltage ....................................................... Typ. 0.25V (IOUT=150mA 3.0V Output type)
• Temperature-Drift Coefficient of Output Voltage ...... Typ. ±100ppm/°C
• Line Regulation ........................................................ Typ. 0.05%/V
• Output Voltage Accuracy.......................................... ±2.0%
• Packages ................................................................ SON1612-6, SC-82AB, SOT-23-5
• Output Voltage Range.............................................. 1.2V to 3.6V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Built-in Fold Back Protection Circuit ........................ Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .....0.1μF
APPLICATIONS
• Stable voltage reference.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - R1180Q201C-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1180Q201C RICOH-R1180Q201C Datasheet
725Kb / 24P
   150mA LDO REGULATOR
R1180Q201C RICOH-R1180Q201C Datasheet
60Kb / 1P
   SERIES MARK SPECIFICATION
More results

Similar Description - R1180Q201C-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com