Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1131N151D-TR-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1131N151D-TR-FE
Description  R1131
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131N151D-TR-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1131N151D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1131N151D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1131N151D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1131N151D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1131N151D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1131N151D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1131N151D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1131N151D-TR-FE Datasheet HTML 12Page - RICOH electronics devices division R1131N151D-TR-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
R1131x
9
TEST CIRCUIT
∗ C1=C2= Tantalum1.0μF (VOUT<1.0V)
C1
=C2=Ceramic1.0μF (VOUT >= 1.0V)
GND
C1
C2
V
IOUT
VOUT
CE
⋅ CE
R1131x
Series
VDD
OUT
GND
R1131x
Series
C1
C2
A
OUT
ISS
CE
⋅ CE
∗ C1=C2=Tantalum1.0μF (VOUT<1.0V)
C1
=C2=Ceramic1.0μF (VOUT >= 1.0V)
VDD
OUT
Standard Test Circuit
Supply Current Test Circuit
Generator
GND
R1131x
Series
C2
P.G
IOUT
Pulse
∗ C2=Tantalum1.0μF (VOUT<1.0V)
C2
=Ceramic1.0μF (VOUT >= 1.0V)
CE
⋅ CE
VDD
OUT
GND
R1131x
Series
C2
∗ C1=C2=Tantalum1.0μF (VOUT<1.0V)
C1
=C2=Ceramic1.0μF (VOUT >= 1.0V)
CE
⋅ CE
C1
IOUTa
IOUTb
VDD
OUT
Ripple Rejection, Line Transient Response
Load Transient Response Test Circuit
Test Circuit
Pulse
Generator
0 V
Set VOUT
+1.0V
∗ Input signal waveform
to CE pin is shown below.
GND
R1131x
Series
C1
C2
IOUT
CE
⋅ CE
∗ C1=C2=Tantalum1.0μF (VOUT<1.0V)
C1
=C2=Ceramic1.0μF (VOUT >= 1.0V)
VDD
OUT
Turn on Speed with CE pin Test Circuit
*R1131Dxx2 (HSON-6) is the discontinued product. As of June in 2016.


Similar Part No. - R1131N151D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131N151D RICOH-R1131N151D Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
R1131N151D RICOH-R1131N151D Datasheet
34Kb / 1P
   R1131N SERIES MARK SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com