Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1180Q301B-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1180Q301B-TR-FE
Description  150mA LDO REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1180Q301B-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1180Q301B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1180Q301B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1180Q301B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1180Q301B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1180Q301B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1180Q301B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1180Q301B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1180Q301B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1180Q301B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
R1180x
5
ELECTRICAL CHARACTERISTICS
R1180xxx1B/C
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
=Set VOUT+1V
1
μA ≤ IOUT ≤ 30mA
×0.980
×1.020
V
IOUT
Output Current
VIN
−VOUT=1.0V(VOUT ≥ 1.5V)
VIN
=2.4V(VOUT<1.5V)
150
mA
ΔVOUT/ΔIOUT Load Regulation
VIN
−VOUT=1.0V(VOUT ≥ 1.5V)
VIN
=2.4V(VOUT<1.5V)
1
μA ≤ IOUT ≤ 150mA
20
40
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT
VOLTAGE
ISS
Supply Current
VIN
−VOUT=1.0V,IOUT=0mA
1.0
1.5
μA
Istandby
Supply Current (Standby)
VIN
−VOUT=1.0V,VCE=GND
0.1
1.0
μA
ΔVOUT/ΔVIN
Line Regulation
IOUT
=30mA
VOUT+0.5V
≤ VIN ≤ 6.0V
(VOUT
≥ 1.5V)
2.0V
≤ VIN ≤ 6.0V
(1.2V
≤ VOUT ≤ 1.4V)
0.05
0.20
%/V
VIN
Input Voltage
1.7
6.0
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C ≤ Topt ≤ 85°C
±100
ppm
/
°C
ISC
Short Current Limit
VOUT
=0V
40
mA
IPD
CE Pull-down Constant
Current
(R1180xxx1B)
0.35
μA
VCEH
CE Input Voltage "H"
(R1180xxx1B)
1.2
6.0
V
VCEL
CE Input Voltage "L"
(R1180xxx1B)
0.0
0.3
V
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt
= 25°C
Dropout Voltage VDIF (V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
1.2 <
= VOUT < 1.3
0.85
1.20
1.3 <
= VOUT < 1.4
0.75
1.10
1.4 <
= VOUT < 1.5
0.65
1.00
1.5 <
= VOUT < 1.7
0.60
0.90
1.7 <
= VOUT < 1.9
0.50
0.75
1.9 <
= VOUT < 2.1
0.40
0.65
2.1 <
= VOUT < 2.8
0.35
0.55
2.8 <
= VOUT <
= 3.6
IOUT
=150mA
0.25
0.40


Similar Part No. - R1180Q301B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1180Q301B RICOH-R1180Q301B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
R1180Q301B RICOH-R1180Q301B Datasheet
60Kb / 1P
   SERIES MARK SPECIFICATION
More results

Similar Description - R1180Q301B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com