Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1163N301B-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1163N301B-TR-FE
Description  3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1163N301B-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1163N301B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1163N301B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1163N301B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1163N301B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1163N301B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1163N301B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1163N301B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1163N301B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1163N301B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
R1163x
8
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt
=25°C
Output Voltage
VOUT (V)
Dropout Voltage (mV)
Condition
VDIF (ECO=H)
VDIF (ECO=L)
Typ.
Max.
Typ.
Max.
1.5 <
= VOUT < 1.6
IOUT
=150mA
400
680
420
680
1.6 <
= VOUT < 1.7
380
550
390
550
1.7 <
= VOUT < 1.8
350
520
370
520
1.8 <
= VOUT < 2.0
340
490
350
490
2.0 <
= VOUT < 2.8
290
425
300
430
2.8 <
= VOUT <
= 5.0
250
350
250
350
TYPICAL APPLICATION
C1
R1163x
Series
VDD
VOUT
CE
GND
VOUT
ECO
C2
(External Components)
Ex.
C1: Ceramic Capacitor 1.0
μF
C2: Ceramic Capacitor 0.47
μF Murata GRM40B474K
Kyocera CM105B474K
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, be sure to use a 0.47
μF or more ceramic capacitor C2.
(Test these ICs with as same external components as ones to be used on the PCB.)
When a tantalum capacitor is used with this IC, if the equivalent series resistor (ESR) of the capacitor is large,
output voltage may be unstable.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with as much as 1.0
μF capacitor between VDD and GND pin as close as possible.
Set external components such as an output capacitor C2, as close as possible to the ICs and make wiring as
short as possible.


Similar Part No. - R1163N301B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N301B RICOH-R1163N301B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1163N301B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com