Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1171S201B-E2-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1171S201B-E2-FE
Description  2.0A/1.5A LDO REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1171S201B-E2-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1171S201B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1171S201B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1171S201B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1171S201B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1171S201B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1171S201B-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1171S201B-E2-FE Datasheet HTML 11Page - RICOH electronics devices division R1171S201B-E2-FE Datasheet HTML 12Page - RICOH electronics devices division R1171S201B-E2-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
R1171x
9
TEST CIRCUITS
IOUT
IN
VDD
VOUT
CE
GND
COUT
CIN
OUT
R1171xxx1B
Series
ISS
IN
VDD
VOUT
CE
GND
COUT
CIN
OUT
R1171xxx1B
Series
Standard Test Circuit
Supply Current Test Circuit
IOUT
IN
VDD
VOUT
CE
GND
COUT
OUT
R1171xxx1B
Series
P.G.
IN
VDD
VOUT
CE
GND
COUT
CIN
OUT
R1171xxx1B
Series
I1
I2
Test Circuit for Ripple Rejection,
Test Circuit for Load Transient Response
Input Transient Response


Similar Part No. - R1171S201B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1171S201A RICOH-R1171S201A Datasheet
838Kb / 28P
   2.0A/1.5A LDO REGULATOR
More results

Similar Description - R1171S201B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1171X NISSHINBO-R1171X Datasheet
661Kb / 24P
   2.0A/1.5A LDO REGULATOR
logo
RICOH electronics devic...
R1171S151A RICOH-R1171S151A Datasheet
838Kb / 28P
   2.0A/1.5A LDO REGULATOR
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
Rohm
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Nisshinbo Micro Devices...
R1171S NISSHINBO-R1171S Datasheet
691Kb / 26P
   1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Seaward Electronics Inc...
SE5120 SEAWARD-SE5120 Datasheet
274Kb / 9P
   1.5A CMOS Ultra LDO Voltage Regulator
logo
Rohm
BDXXHC5MEFJ-M ROHM-BDXXHC5MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com