Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1170D501B-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1170D501B-TR-FE
Description  800mA LDO REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1170D501B-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1170D501B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1170D501B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1170D501B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1170D501B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1170D501B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1170D501B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1170D501B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1170D501B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1170D501B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
R1170x
6
R1170xxxxB
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input voltage
6.0
V
ISS
Supply Current
VIN
−VOUT=1.0V,VCE=VIN
80
160
μA
Istandby
Standby Current
VIN
=6.0V,VCE=GND
0.1
1.0
μA
VOUT
Reference Voltage for
Adjustable Voltage Regulator
VIN
−VOUT=1.0V
IOUT
=100mA
×0.98
×1.02
V
ΔVOUT/
ΔIOUT
Load regulation
VIN
−VOUT=1.0V
1mA <
= IOUT <
= 300mA
30
100
mV
VOUT
=1.5V
0.35
0.45
VOUT
=1.6V
0.30
0.35
VOUT
=1.7V
0.25
0.30
1.8V <
= VOUT <
= 2.0V
0.20
0.25
2.1V <
= VOUT <
= 2.4V
0.15
0.20
VDIF
Dropout Voltage
IOUT
=300mA
2.5V <
= VOUT <
= 5.0V
0.12
0.18
ΔVOUT/
ΔVIN
Line regulation
IOUT
=100mA
VOUT
+0.5V <
= VIN <
= 6.0V
0.05
0.30
%/V
1.5V <
= VOUT <
= 4.7V:
f
=1kHz, VIN−VOUT=1.0V
Ripple 0.5Vp-p
50
RR
Ripple Rejection
4.8V <
= VOUT <
= 5.0V:
f
=1kHz, VIN=5.7V
Ripple 0.5Vp-p
50
dB
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
IOUT
=10mA, VIN−VOUT=1.0V
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
ILIM
Output Current
VIN
−VOUT=1.0V
800
mA
ISC
Short Current Limit
VOUT
=0V
40
mA
RPD
Pull-down resistance for CE pin
1.25
2.50
5.00
M
Ω
VCEH
CE Input Voltage "H"
1.5
VIN
V
VCEL
CE Input Voltage "L"
0
0.25
V
TTSD
Thermal Shutdown
Detector Threshold Temperature
Junction Temperature
150
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
120
°C


Similar Part No. - R1170D501B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1170D501H-TR-FE NISSHINBO-R1170D501H-TR-FE Datasheet
283Kb / 22P
   800mA LDO REGULATOR
More results

Similar Description - R1170D501B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com