Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1160D331B-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1160D331B-TR-FE
Description  3-MODE 200mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1160D331B-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1160D331B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1160D331B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1160D331B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1160D331B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1160D331B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1160D331B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1160D331B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1160D331B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1160D331B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
R1160x
5
ELECTRICAL CHARACTERISTICS
R1160xxx1A
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
Output Voltage (FT Mode)
VIN
=Set VOUT+1V, VECO=VIN
1
μA ≤ IOUT ≤ 30mA∗1
×0.98
(-30mV)
×1.02
(30mV)
V
VOUT
Output Voltage (LP Mode)
VIN
=Set VOUT+1V, VECO=GND
1
μA ≤ IOUT ≤ 30mA∗2
×0.97
(-45mV)
×1.03
(45mV)
V
IOUT
Output Current
VIN
−VOUT=1V
200
mA
Load Regulation (FT Mode)
VIN
=Set VOUT+1V, VECO=VIN
1mA
≤ IOUT ≤ 200mA
20
40
mV
ΔVOUT/ΔIOUT
Load Regulation (LP Mode)
VIN
=Set VOUT+1V, VECO=GND
1mA
≤ IOUT ≤ 100mA
10
40
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT
VOLTAGE
ISS1
Supply Current (FT Mode)
VIN
=Set VOUT+1V, VECO=VIN,
40
70
μA
VIN
=Set VOUT+1V,
VOUT
≤ 1.5V, VECO
=GND
3.5
6.0
μA
ISS2
Supply Current (LP Mode)
VIN
=Set VOUT+1V,
VOUT
≥ 1.6V, VECO
=GND
4.5
8.0
μA
Istandby
Supply Current (Standby)
VIN
=VCE=Set VOUT+1V
VECO
=GND or VIN
0.1
1.0
μA
Line Regulation (FT Mode)
Set VOUT
+0.5V ≤ VIN ≤ 6V
IOUT
=30mA, VECO=VIN
(In case that VOUT
≤ 0.9V,
1.4V
≤ VIN ≤ 6V)
0.05
0.20
%/V
ΔVOUT/ΔVIN
Line Regulation (LP Mode)
Set VOUT
+0.5V ≤ VIN ≤ 6V
IOUT
=30mA, VECO=GND
(In case that VOUT
≤ 0.9V,
1.4V
≤ VIN ≤ 6V)
0.10
0.30
%/V
RR
Ripple Rejection (FT Mode)
f
=1kHz, Ripple 0.2Vp-p
VIN
=Set VOUT+1V
IOUT
=30mA, VECO=VIN
70
dB
VIN
Input Voltage
1.4
6.0
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C ≤ Topt ≤ 85°C
±100
ppm
/
°C
ISC
Short Current Limit
VOUT
=0V
50
mA
RPUC
CE Pull-up Resistance
2.0
5.0
14.0
M
Ω
RPDE
ECO Pull-down Resistance
1.5
5.0
14.0
M
Ω
VCEH
CE ,ECO Input Voltage "H"
1.0
VIN
V
VCEL
CE ,ECO Input Voltage "L"
0
0.3
V
∗1 : ±30mV Tolerance for VOUT ≤ 1.5V
∗2 : ±45mV Tolerance for VOUT ≤ 1.5V
*R1160D (SON-6) is the discontinued product. As of March in 2015.


Similar Part No. - R1160D331B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1160D331B RICOH-R1160D331B Datasheet
462Kb / 35P
   3-MODE 200mA LDO REGULATOR
More results

Similar Description - R1160D331B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
   3-MODE 200mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1160X NISSHINBO-R1160X Datasheet
425Kb / 31P
   3-MODE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160N RICOH-R1160N Datasheet
1Mb / 27P
   SOT23-5 3-MODE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Nisshinbo Micro Devices...
RP202X NISSHINBO-RP202X Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com