Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1170D451B-TR-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1170D451B-TR-FE
Description  800mA LDO REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1170D451B-TR-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1170D451B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1170D451B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1170D451B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1170D451B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1170D451B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1170D451B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1170D451B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1170D451B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division R1170D451B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
R1170x
9
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (Topt
=25°C)
R1170x151B
R1170x301B
1.8
1
0.8
1.2
1.4
1.6
0.6
0.4
0.2
0
Output Current IOUT(mA)
0
250
500
750
1500
1000 1250
VIN=2V
VIN=3.5V
VIN=2.5V
3.5
2.5
2
3
1.5
1
0.5
0
0
250
500
750
1500
1000 1250
Output Current IOUT(mA)
VIN=3.5V
VIN=4V
VIN=5V
R1170x501B
Output Current IOUT(mA)
6
5
4
3
2
1
0
0
250
500
750
1500
1000 1250
VIN=5.5V
VIN=6V
2) Output Voltage vs. Input Voltage (Topt
=25°C)
R1170x151B
R1170x201B
1.7
1.6
1.4
1.5
1.3
1.2
1.1
Input Voltage VIN(V)
13
2
456
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=300mA
2.2
2.1
2
1.9
1.8
1.7
1.6
1.5
1.4
Input Voltage VIN(V)
123456
IOUT=10mA
IOUT=1mA
IOUT=100mA
IOUT=300mA


Similar Part No. - R1170D451B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170D401A RICOH-R1170D401A Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
R1170D401A-T1 RICOH-R1170D401A-T1 Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
R1170D401A-T2 RICOH-R1170D401A-T2 Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
R1170D401A-TR RICOH-R1170D401A-TR Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
R1170D401B RICOH-R1170D401B Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
More results

Similar Description - R1170D451B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com