Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1171S451A-E2-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1171S451A-E2-FE
Description  2.0A/1.5A LDO REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1171S451A-E2-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1171S451A-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1171S451A-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1171S451A-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1171S451A-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1171S451A-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1171S451A-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1171S451A-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1171S451A-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1171S451A-E2-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
R1171x
6
R1171Sxx1B
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Reference Voltage for
Adjustable Voltage Regulator
VIN
−VOUT=1.0V
IOUT
=200mA
×0.98
×1.02
V
ΔVOUT/
ΔIOUT
Load Regulation
VIN
−VOUT=1.0V
1mA <
= IOUT <
= 300mA
10
60
mV
1.5 <
= VOUT<1.6
0.16
0.35
1.6 <
= VOUT<1.7
0.14
0.32
1.7 <
= VOUT<1.8
0.13
0.28
1.8 <
= VOUT<2.0
0.12
0.24
2.0 <
= VOUT<2.5
0.10
0.21
VDIF
Dropout Voltage
IOUT
=300mA
2.5 <
= VOUT <
= 5.0
0.09
0.18
V
ISS
Supply Current
VIN
−VOUT=1.0V, VCE=VIN
130
320
μA
Istandby
Standby Current
VIN
−VOUT=1.0V, VCE=0V
0.1
2.0
μA
ΔVOUT/ΔVIN Line Regulation
IOUT
=200mA
RR
Ripple Rejection
f
=1kHz, Ripple 0.5Vp-p
Refer to the following table
VIN
Input Voltage
2.1
6.0
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
IOUT
=10mA
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
ILIM
Output Current
VIN
−VOUT=1.0V
1.5
A
ISC
Short Current Limit
VOUT
=0V
200
mA
RPD
Pull-down resistance
for CE pin
2.5
5.0
10.0
M
Ω
VCEH
CE Input Voltage "H"
1.2
VIN
V
VCEL
CE Input Voltage "L"
0
0.25
V
TTSD
Thermal Shutdown
Detector Threshold Temperature
Junction Temperature
150
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
120
°C
Line Regulation by Output Voltage
Topt
=25°C
Line Regulation
ΔVOUT/ΔVIN (%/V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
1.5 <
= VOUT < 1.6
IOUT
=200mA, 2.1V <
= VIN <
= 6.0V
1.6 <
= VOUT <
= 5.0
IOUT
=200mA, VOUT+0.5V <
= VIN <
= 6.0V
0.05
0.30
Ripple Rejection by Output Voltage
Topt
=25°C
Ripple Rejection
RR (dB)
Output Voltage
VOUT (V)
Condition
Typ.
1.5 <
= VOUT < 4.7
f
=1kHz, Ripple 0.5Vp-p, VIN−VOUT=1.0V
4.7 <
= VOUT <
= 5.0
f
=1kHz, Ripple 0.5Vp-p, VIN=5.75V
50


Similar Part No. - R1171S451A-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1171S452A NISSHINBO-R1171S452A Datasheet
691Kb / 26P
   1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
R1171S452B NISSHINBO-R1171S452B Datasheet
691Kb / 26P
   1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
More results

Similar Description - R1171S451A-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1171X NISSHINBO-R1171X Datasheet
661Kb / 24P
   2.0A/1.5A LDO REGULATOR
logo
RICOH electronics devic...
R1171S151A RICOH-R1171S151A Datasheet
838Kb / 28P
   2.0A/1.5A LDO REGULATOR
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
Rohm
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Nisshinbo Micro Devices...
R1171S NISSHINBO-R1171S Datasheet
691Kb / 26P
   1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Seaward Electronics Inc...
SE5120 SEAWARD-SE5120 Datasheet
274Kb / 9P
   1.5A CMOS Ultra LDO Voltage Regulator
logo
Rohm
BDXXHC5MEFJ-M ROHM-BDXXHC5MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com