Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1131D302D-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1131D302D-TR-FE
Description  R1131
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D302D-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1131D302D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1131D302D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1131D302D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1131D302D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1131D302D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1131D302D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1131D302D-TR-FE Datasheet HTML 12Page - RICOH electronics devices division R1131D302D-TR-FE Datasheet HTML 13Page - RICOH electronics devices division R1131D302D-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
R1131x
10
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
R1131x08xx
R1131x15xx
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
100
200
300
400
500
600
Output Current lOUT(mA)
1.45V
VIN =2.8V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
100
200
300
400
500
600
Output Current lOUT(mA)
2.0V
VIN =1.8V
3.5V
2.5V
R1131x26xx
R1131x33xx
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
500
600
Output Current lOUT(mA)
4.6V
VIN =2.9V
3.6V
3.1V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
500
600
Output Current lOUT(mA)
3.8V
VIN =3.6V
5.3V
4.3V
2) Output Voltage vs. Input Voltage
R1131x08xx
R1131x15xx
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
01
23
4
5
6
IOUT= 1mA
IOUT=30mA
IOUT=50mA
Input Voltage VIN(V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
01
23
4
5
6
IOUT= 1mA
IOUT=30mA
IOUT=50mA
Input Voltage VIN(V)
*R1131Dxx2 (HSON-6) is the discontinued product. As of June in 2016.


Similar Part No. - R1131D302D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D302D RICOH-R1131D302D Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com