Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1155H120B-TR-FE Datasheet(PDF) 24 Page - RICOH electronics devices division

Part # R1155H120B-TR-FE
Description  150 mA 24 V Input High Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1155H120B-TR-FE Datasheet(HTML) 24 Page - RICOH electronics devices division

Back Button R1155H120B-TR-FE Datasheet HTML 18Page - RICOH electronics devices division R1155H120B-TR-FE Datasheet HTML 19Page - RICOH electronics devices division R1155H120B-TR-FE Datasheet HTML 20Page - RICOH electronics devices division R1155H120B-TR-FE Datasheet HTML 21Page - RICOH electronics devices division R1155H120B-TR-FE Datasheet HTML 22Page - RICOH electronics devices division R1155H120B-TR-FE Datasheet HTML 23Page - RICOH electronics devices division R1155H120B-TR-FE Datasheet HTML 24Page - RICOH electronics devices division R1155H120B-TR-FE Datasheet HTML 25Page - RICOH electronics devices division R1155H120B-TR-FE Datasheet HTML 26Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
POWER DISSIPATION
SOT-89-5
Ver. A
i
Power Dissipation (PD) of the package is dependent on PCB material, layout, and environmental conditions.
The following conditions are used in this measurement.
Measurement Conditions
High Wattage Land Pattern
Standard Land Pattern
Environment
Mounting on Board (Wind Velocity = 0 m/s) Mounting on Board (Wind Velocity = 0 m/s)
Board Material
Glass Cloth Epoxy Plastic (Double-sided)
Glass Cloth Epoxy Plastic (Double-sided)
Board Dimensions
30 mm x 30 mm x 1.6 mm
50 mm x 50 mm x 1.6 mm
Copper Ratio
Top-side: Approx. 20%,
Back-side: Approx. 100%
Top-side: Approx. 10%,
Back-side: Approx. 100%
Through-hole
0.85 mm x 10 pcs
-
Measurement Result
(Ta = 25
C, Tjmax = 125C)
High Wattage Land Pattern
Standard Land Pattern
Free Air
Power Dissipation
1300 mW
900 mW
500 mW
Thermal Resistance
77ºC/W
111ºC/W
200ºC/W
Power Dissipation (mW) vs. Temperature (
°C)
Measurement Board Pattern
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
0
25
50
75
100
125
150
Ambient Temperature (°C)
105
Free Air
On Board
(Standard Land Pattern)
On Board
(High Wattage Land Pattern)
30
7.5
15
50
High Wattage
Standard
IC Mount Area (Unit: mm)


Similar Part No. - R1155H120B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R11558 HAMAMATSU-R11558 Datasheet
140Kb / 2P
   PHOTOMULTIPLIER TUBE
logo
Nisshinbo Micro Devices...
R1155N001C NISSHINBO-R1155N001C Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
R1155N025B NISSHINBO-R1155N025B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
R1155N026B NISSHINBO-R1155N026B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
R1155N027B NISSHINBO-R1155N027B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
More results

Similar Description - R1155H120B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
ABLIC Inc.
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1711 ABLIC-S-1711 Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
logo
Texas Instruments
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
Texas Instruments
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ABLIC Inc.
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com