Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1130H501A-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1130H501A-TR-FE
Description  300mA LDO REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1130H501A-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1130H501A-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1130H501A-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1130H501A-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1130H501A-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1130H501A-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1130H501A-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1130H501A-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1130H501A-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1130H501A-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
R1130x
ELECTRICAL CHARACTERISTICS
R1130xxxxA
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.5
8.0
V
ISS1
Supply Current 1
VIN-VOUT=1.0V,VIN=GND
50
100
µA
Istandby
Standby Current
VIN-VOUT=1.0V,VIN=VCE
0.1
1.0
µA
VOUT
Output Voltage
VIN-VOUT=1.0V
1mA <
= IOUT <
= 80mA
VOUT
×
0.980
Set
VOUT
VOUT
×
1.020
V
IOUT1
Output Current
Refer to the table of Input
Voltage by Set Output Voltage
300
mA
∆VOUT/∆IOUT
Load Regulation
VIN-VOUT=1.0V
1mA <
= IOUT <
= 80mA
40
80
mV
VDIF
Dropout Voltage
IOUT=100mA
Refer to the ELECTRICAL
CHARACTERISTICS by
OUTPUT VOLTAGE
∆VOUT/∆VIN
Line Regulation
IOUT=80mA,Set VOUT>2.0V:
VOUT+0.5V <
= VIN <
= 8.0V
Set OUT <
= 1.9V: .5V <
= VIN <
= 8.0V
0.1
0.2
%/V
RR
Ripple Rejection
f
=1kHz Ripple 0.5Vp−p
IOUT
= 80mA
Set VOUT >
= 1.8V, VIN−VOUT = 1.0V
Set VOUT <
= 1.7, VIN = 2.8V
60
dB
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
IOUT
= 30mA, VIN−VOUT = 1.0V
−40°C <
= Topt <
= 85°C
±100
ppm
/
°C
ISC
Short Current Limit
Set VOUT <
= 3.9V,VOUT = 0V
70
mA
Set VOUT>4.0V,VOUT
= 0V
50
RPU
CE Pull-up Resistance
2.5
5.0
10.0
M
VCEH
CE Input Voltage “H”
VIN=2.5V
1.5
VIN
V
VCEL
CE Input Voltage “L”
VIN=2.5V
0.00
0.25
V
6


Similar Part No. - R1130H501A-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1130H501H-T1-FE NISSHINBO-R1130H501H-T1-FE Datasheet
1Mb / 22P
   300mA LDO REGULATOR
R1130H501H-T1-HE NISSHINBO-R1130H501H-T1-HE Datasheet
1Mb / 26P
   300 mA LDO Regulator for Automotive Applications
R1130H501L-T1-HE NISSHINBO-R1130H501L-T1-HE Datasheet
1Mb / 26P
   300 mA LDO Regulator for Automotive Applications
More results

Similar Description - R1130H501A-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1131D081A RICOH-R1131D081A Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com