Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1161N101A-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1161N101A-TR-FE
Description  3-MODE 300mA LDO REGULATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1161N101A-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1161N101A-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1161N101A-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1161N101A-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1161N101A-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1161N101A-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1161N101A-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1161N101A-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1161N101A-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1161N101A-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
R1161x
7
R1161xxxxB/D
Topt=25
°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
Output Voltage (FT Mode)
VIN
=Set VOUT+1V,VECO=VIN
1
μA ≤ IOUT ≤ 30mA Note 1
×0.98
(
−30mV)
×1.02
(30mV)
V
VOUT
Output Voltage (LP Mode)
VIN
=Set VOUT+1V,VECO=GND
1
μA ≤ IOUT ≤ 30mA Note 2
×0.97
(
−45mV)
×1.03
(45mV)
V
IOUT
Output Current
VIN-VOUT
=1.0V
300
mA
ΔVOUT/
ΔIOUT
Load Regulation (FT Mode)
VIN
=Set VOUT+1V,VECO=VIN
1mA
≤ IOUT ≤ 300mA
40
70
mV
ΔVOUT/
ΔIOUT
Load Regulation (LP Mode)
VIN
=Set VOUT+1V,VECO=GND
1mA
≤ IOUT ≤ 100mA
15
30
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
VIN
=Set VOUT+1V
VECO
=VIN,VOUT<1.8V
80
111
μA
ISS1
Supply Current (FT Mode)
VIN
=Set VOUT+1V
VECO=VIN, VOUT
≥ 1.8V
T
60
90
μA
VIN
=Set VOUT+1V,
VOUT<1.6V, VECO=GND
3.5
8.0
μA
ISS2
Supply Current (LP Mode)
VIN
=Set VOUT+1V,
VOUT
≥ 1.6V,VECO=GND
4.5
9.0
μA
Istandby Supply Current (Standby)
VIN
=Set VOUT+1V,
VCE=GND,VECO
=GND or VIN
0.1
1.0
μA
ΔVOUT/
ΔVIN
Line Regulation (FT Mode)
Set VOUT+0.5V
≤ VIN ≤ 6.0V
IOUT
=30mA, VECO=VIN
Set VOUT
≤ 0.9V: 1.4V ≤ VIN ≤ 6.0V
0.01
0.15
%/V
ΔVOUT/
ΔVIN
Line Regulation (LP Mode)
Set VOUT+0.5V
≤ VIN ≤ 6.0V
IOUT
=30mA, VECO=GND
Set VOUT
≤ 0.9V: 1.4V ≤ VIN ≤ 6.0V
0.05
0.20
%/V
RR
Ripple Rejection (FT Mode)
f
=1kHz, Ripple 0.2Vp-p
VIN
=Set VOUT+1V
IOUT
=30mA, VECO=VIN
65
dB
VIN
Input Voltage
1.4
6.0
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
IOUT
=30mA
-40
°C ≤ Topt ≤ 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT
=0V
50
mA
RPDC
CE Pull-down Resistance
1.87
5.00
12.00
M
Ω
RPDE
ECO Pull-down Resistance
1.87
5.00
12.00
M
Ω
VCEH
CE, ECO Input Voltage “H”
1.0
6.0
V
VCEL
CE, ECO Input Voltage “L”
0.0
0.3
V
VEN
Output Noise
BW
=10Hz to 100kHz
30
μVrms
RLOW
Nch On Resistance for auto
discharge (applied to D
version only)
VCE
=0V
60
Ω
Note1:
±30mV tolerance for VOUT ≤ 1.5V.
Note2:
±45mV tolerance for VOUT ≤ 1.5V.
*R1116Dxx1 (SON-6) is the limited product and R1116Dxx2 (HSON-6) is the discontinued product. As of March in 2015.


Similar Part No. - R1161N101A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161N101A RICOH-R1161N101A Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
More results

Similar Description - R1161N101A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161N081A RICOH-R1161N081A Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com