Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1155N025C-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1155N025C-TR-FE
Description  150 mA 24 V Input High Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1155N025C-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1155N025C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 12Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 13Page - RICOH electronics devices division R1155N025C-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
R1155x
NO.EA-270-150702
10
APPLICATION INFORMATION
VOUT
VOUT
VIN
VDD
GND
CE
CIN
COUT
R1155xxxxB
V IN
V OUT
VDD
GND
V FB
CE
CIN
R115 5x00 1C
COUT
V OUT
R1
R2
R1155xxxxB Typical Application
(Fixed Output Voltage Type)
R1155x001C Typical Application
(Adjustable Output Voltage Type)
Technical Notes on the Components Selection
In the R1155x, phase compensation is provided to secure stable operation even when the load current is
varied. For this purpose, use a 4.7 μF or more output capacitor (COUT) with good frequency
characteristics and proper ESR (Equivalent Series Resistance). In case of using a tantalum type
capacitor and the ESR value of the capacitor is large, the output might be unstable. Evaluate the circuit
including consideration of frequency characteristics.
Ensure the VDD and GND lines are sufficiently robust. If their impedance is too high, noise pickup or
unstable operation may result. Connect COUT with suitable values between the VOUT and GND pins, and
as close as possible to the pins. Please refer to Figure 5 and Figure 6 below.


Similar Part No. - R1155N025C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155N025B NISSHINBO-R1155N025B Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
More results

Similar Description - R1155N025C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
ABLIC Inc.
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1711 ABLIC-S-1711 Datasheet
599Kb / 44P
   6.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR
Rev.3.2_00
logo
Texas Instruments
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
Texas Instruments
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
logo
ABLIC Inc.
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com