Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1150H1401D-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1150H1401D-TR-FE
Description  VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1150H1401D-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1150H1401D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1150H1401D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1150H1401D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1150H1401D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1150H1401D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1150H1401D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1150H1401D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1150H1401D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1150H1401D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
R1150H
3
SELECTION GUIDE
The output voltage, detector threshold and the usage of pin No.3 (as a kind of types in the R1150H Series ) for
the ICs can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R1150Hxxx
∗-T1-FE
SOT-89-5
1,000 pcs
Yes
Yes
xxx : Specify a combination of output voltage and detector threshold.
: Designation of the usage of pin No.3 and detector function;
(A) with CE pin and VIN detect
(B) with SENSE pin
(C) with CD pin and VIN detect
(D) with CD pin and VOUT detect
PIN CONFIGURATION
SOT-89-5
13
54
2
PIN DESCRIPTION
Pin No.
Symbol
Description
1
VOUT
Voltage Regulator Output Pin
2
GND
Ground Pin
CE
Chip Enable Pin (A Ver.)
SENSE
Sense Pin for Voltage Detector (B Ver.)
3
CD
Pin for Capacitor for Setting Output Delay of Voltage Detector (C/D Ver.)
4
VDET
Voltage Detector Output Pin
5
VDD
Input Pin


Similar Part No. - R1150H1401D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
More results

Similar Description - R1150H1401D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
Diodes Incorporated
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1515X RICOH-R1515X Datasheet
847Kb / 20P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com