Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1154L100B-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1154L100B-TR-FE
Description  150mA Voltage Regulator (Wide Input Voltage Range)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1154L100B-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1154L100B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1154L100B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1154L100B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1154L100B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1154L100B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1154L100B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1154L100B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1154L100B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1154L100B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
R1154x
6
POWER DISSIPATION (SOT-23-5)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board.
This specification is based on the measurement at the condition below:
(Power Dissipation (SOT-23-5) is substitution of SOT-23-6.)
Measurement Conditions
Standard Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plastic (Double sided)
Board Dimensions
40mm
 40mm  1.6mm
Copper Ratio
Top side : Approx. 50% , Back side : Approx. 50%
Through-holes
0.5mm  44pcs
Measurement Results
(Topt=25
C, Tjmax=125C)
Standard Land Pattern
Free Air
Power Dissipation
420mW
250mW
Thermal Resistance
ja(12525C)/0.42W238C/W
400
C/W
40
Power Dissipation
RECOMMENDED LAND PATTERN
0.7 Max.
0.95
0.95
1.9
2.4
1.0
(Unit: mm)
Measurement Board Pattern
IC Mount Area (Unit: mm)
Ambient Temperature (
C)
600
500
400
300
200
0
150
25
50
75
100
125
0
100
105
Free Air
On Board
420
250


Similar Part No. - R1154L100B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1154L120-TR NISSHINBO-R1154L120-TR Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
More results

Similar Description - R1154L100B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com