Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1150H1001C-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1150H1001C-TR-FE
Description  VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1150H1001C-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1150H1001C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1150H1001C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1150H1001C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1150H1001C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1150H1001C-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1150H1001C-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1150H1001C-TR-FE Datasheet HTML 12Page - RICOH electronics devices division R1150H1001C-TR-FE Datasheet HTML 13Page - RICOH electronics devices division R1150H1001C-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
R1150H
10
Output Current (Topt=25°C)
Output Current (mA)
Output Voltage VOUT (V)
Min.
Typ.
2.1V
≤ VOUT ≤ 2.9V
90
140
3.0V
≤ VOUT ≤ 4.0V
120
170
4.1V
≤ VOUT ≤ 14.0V
150
200
Load Regulation (Topt=25°C)
Load Regulation (mV)
Output Voltage VOUT (V)
Typ.
Max.
2.1V
≤ VOUT ≤ 3.0V
15
35
3.1V
≤ VOUT ≤ 5.0V
25
45
5.1V
≤ VOUT ≤ 10.0V
40
65
10.1V
≤ VOUT ≤ 14.0V
50
80
Dropout Voltage (Topt=25°C)
Dropout Voltage (V)
Output Voltage VOUT (V)
Typ.
Max.
2.1V
≤ VOUT ≤ 2.4V
0.40
0.60
2.5V
≤ VOUT ≤ 3.0V
0.30
0.40
3.1V
≤ VOUT ≤ 7.0V
0.25
0.35
7.1V
≤ VOUT ≤ 10.0V
0.27
0.45
10.1V
≤ VOUT ≤ 14.0V
0.30
0.50
Test Conditions for Output Current
Detector Threshold Voltage
-VDET (V)
Conditions
2.1V
≤ (-VDET) ≤ 15.0V
VIN=2V, VDS=0.05V
(-VDET)=2.0
VIN=1.9V, VDS=0.05V
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - R1150H1001C-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
More results

Similar Description - R1150H1001C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
Diodes Incorporated
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1515X RICOH-R1515X Datasheet
847Kb / 20P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com