Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1150H0501C-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1150H0501C-TR-FE
Description  VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1150H0501C-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1150H0501C-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1150H0501C-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1150H0501C-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1150H0501C-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1150H0501C-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1150H0501C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1150H0501C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1150H0501C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1150H0501C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
R1150H SERIES
VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
NO.EA-081-111027
1
OUTLINE
The R1150H series are CMOS-based voltage regulator (VR) ICs equipped with a voltage detector (VDET). VR
function of the R1150Hxxxx has features of low dropout voltage, high output voltage accuracy, and ultra-low
supply current. Each of the R1150HxxxA series includes also a chip enable circuit. The output of built-in voltage
detector is Nch open drain type. The R1150HxxxC/D have a pin for connecting external capacitor to set a certain
reset delay time instead of chip enable control pin.
The regulator output voltage and the detector threshold voltage are fixed in the IC, Output Voltage Accuracy is
±2.0%, while Detector Threshold Accuracy is ±2.5%. The R1150HxxxA (with chip enable function) and
R1150HxxxC series can supervise input voltage by the built-in detector. R1150HxxxB can supervise SENSE pin
voltage by the built-in detector. R1150HxxxD type can supervise VOUT voltage, or Regulator Output Voltage of this
IC itself.
Since the package for these ICs is the SOT-89-5 package, high density mounting of the ICs on boards is
possible.
FEATURES
• Supply Current ..................................................Typ. 7.0μA
• Input Voltage .....................................................Max. 24.0V
• Output Voltage (VR)..........................................2.1V to 14.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Detector Threshold Voltage (VDET) ....................2.0V to 15.0V (R1150HxxxB/C/D)
2.3V to 15.0V (R1150HxxxA)
• Output Voltage Accuracy...................................±2.0% (VR), ±2.5% (VD)
• Output Current ..................................................Min. 150mA (VOUT=5.0V)
• Package ............................................................SOT-89-5
• Built-in Fold-Back Protection Circuit .................Typ. 45mA (Current at short mode)
• Built-in Thermal Shutdown Circuit (VR) ............Thermal Shutdown Temperature ; Typ. 150°C
Released Temperature ; Typ. 120
°C
• Monitoring VDD voltage ......................................R1150HxxxA/C
• Monitoring sense pin (SENSE) voltage ............R1150HxxxB
• Monitoring VOUT pin voltage...............................R1150HxxxD
APPLICATIONS
• Power source and Reset circuit for cameras, videos and mobile telecommunication equipment.
• Power source and Reset circuit for battery-operated equipment.
• Power source and Reset circuit for home appliances.


Similar Part No. - R1150H0501C-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
More results

Similar Description - R1150H0501C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
Diodes Incorporated
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1515X RICOH-R1515X Datasheet
847Kb / 20P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com