Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8520 Datasheet(PDF) 87 Page - Semtech Corporation

Part # ACS8520
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520 Datasheet(HTML) 87 Page - Semtech Corporation

Back Button ACS8520 Datasheet HTML 83Page - Semtech Corporation ACS8520 Datasheet HTML 84Page - Semtech Corporation ACS8520 Datasheet HTML 85Page - Semtech Corporation ACS8520 Datasheet HTML 86Page - Semtech Corporation ACS8520 Datasheet HTML 87Page - Semtech Corporation ACS8520 Datasheet HTML 88Page - Semtech Corporation ACS8520 Datasheet HTML 89Page - Semtech Corporation ACS8520 Datasheet HTML 90Page - Semtech Corporation ACS8520 Datasheet HTML 91Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 150 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/October 2003 © Semtech Corp.
Page 87
www.semtech.com
ACS8520 SETS
Address (hex):
39
Register Name cnfg_digtial_frequencies
Description
(R/W) Configures the actual
frequencies of Digital1 & Digital2.
Default Value
0000 1000
Bit 7Bit 6
Bit 5Bit 4
Bit 3Bit 2
Bit 1Bit 0
digital2_frequency
digital1_frequency
Bit No.
Description
Bit Value
Value Description
[7:6]
digital2_frequency
Configures the frequency of Digital2. Whether this is
SONET or SDH based is configured by Bit 6
(dig2_sonsdh) of Reg. 38.
00
01
10
11
Digital2 set to 1544 kHz or 2048 kHz.
Digital2 set to 3088 kHz or 4096 kHz.
Digital2 set to 6176 kHz or 8192 kHz.
Digital2 set to 12353 kHz or 16384 kHz.
[5:4]
digital1_frequency
Configures the frequency of Digital1. Whether this is
SONET or SDH based is configured by Bit 5
(dig1_sonsdh) of Reg. 38.
00
01
10
11
Digital1 set to 1544 kHz or 2048 kHz.
Digital1 set to 3088 kHz or 4096 kHz.
Digital1 set to 6176 kHz or 8192 kHz.
Digital1 set to 12353 kHz or 16384 kHz.
[3:0]
Not used.
Address (hex):
3A
Register Name cnfg_differential_outputs
Description
(R/W) Configures the electrical
compatibility of the differential
output drivers to be 3 V PECL or
3V LVDS.
Default Value
1100 0110
Bit 7Bit 6
Bit 5Bit 4
Bit 3Bit 2
Bit 1Bit 0
TO7_PECL_LVDS
TO6_LVDS_PECL
Bit No.
Description
Bit Value
Value Description
[7:4]
Not used.
-
-
[3:2]
TO7_PECL_LVDS
Selection of the electrical compatibility of TO7
between 3 V PECL and 3 V LVDS.
00
01
10
11
Output TO7 disabled.
Output T07 3 V PECL compatible.
Output TO7 3 V LVDS compatible.
Not used.
[1:0]
TO6_LVDS_PECL
Selection of the electrical compatibility of TO6
between 3 V PECL and 3 V LVDS.
00
01
10
11
Output TO6 disabled.
Output T06 3 V PECL compatible.
Output TO6 3 V LVDS compatible.
Not used.


Similar Part No. - ACS8520

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520 IQD-ACS8520 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520AT SEMTECH-ACS8520AT Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
More results

Similar Description - ACS8520

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520_05 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com