Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8520 Datasheet(PDF) 77 Page - Semtech Corporation

Part # ACS8520
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520 Datasheet(HTML) 77 Page - Semtech Corporation

Back Button ACS8520 Datasheet HTML 73Page - Semtech Corporation ACS8520 Datasheet HTML 74Page - Semtech Corporation ACS8520 Datasheet HTML 75Page - Semtech Corporation ACS8520 Datasheet HTML 76Page - Semtech Corporation ACS8520 Datasheet HTML 77Page - Semtech Corporation ACS8520 Datasheet HTML 78Page - Semtech Corporation ACS8520 Datasheet HTML 79Page - Semtech Corporation ACS8520 Datasheet HTML 80Page - Semtech Corporation ACS8520 Datasheet HTML 81Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 150 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/October 2003 © Semtech Corp.
Page 77
www.semtech.com
ACS8520 SETS
Address (hex):
21
Register Name cnfg_ref_source_frequency
_2
Description
(R/W) Configuration of the
frequency and input monitoring
for input I2.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3Bit 2
Bit 1Bit 0
Set to zero
bucket_id_2
Set to zero
Bit No.
Description
Bit Value
Value Description
[7:6]
Set to zero
00
Set to zero
[5:4]
bucket_id_2
Every input has its own Leaky Bucket used for
activity monitoring. There are four possible
configurations for each Leaky Bucket- see Reg. 50
to Reg. 5F. This 2-bit field selects the configuration
used for input I2.
00
01
10
11
Input I2 activity monitor uses Leaky Bucket
Configuration 0.
Input I2 activity monitor uses Leaky Bucket
Configuration 1.
Input I2 activity monitor uses Leaky Bucket
Configuration 2.
Input I2 activity monitor uses Leaky Bucket
Configuration 3.
[3:0]
Set to zero
0000
8 kHz only
Address (hex):
22
Use <n> = 3
Register Name cnfg_ref_source_frequency
_<n>, where for Reg 22, n =
3
Description
(R/W) Configuration of the
frequency and input monitoring
for input I<n>.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3Bit 2
Bit 1Bit 0
divn_<n>
lock8k_<n>
bucket_id_<n>
reference_source_frequency_<n>
Bit No.
Description
Bit Value
Value Description
7
divn_<n>
This bit selects whether or not input I<n> is divided
in the programmable pre-divider prior to being input
to the DPLL and frequency monitor- see Reg. 46
and Reg. 47 (cnfg_freq_divn).
0
1
Input I<n> fed directly to DPLL and monitor.
Input I<n> fed to DPLL and monitor via pre-divider.
6
lock8k_<n>
This bit selects whether or not input I<n> is divided
in the preset pre-divider prior to being input to the
DPLL. This results in the DPLL locking to the
reference after it has been divided to 8 kHz. This bit
is ignored when divn_<n> is set (bit =1).
0
1
Input I<n> fed directly to DPLL.
Input I<n> fed to DPLL via preset pre-divider.


Similar Part No. - ACS8520

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520 IQD-ACS8520 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520AT SEMTECH-ACS8520AT Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
More results

Similar Description - ACS8520

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520_05 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com