Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1150H1001B-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1150H1001B-TR-FE
Description  VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1150H1001B-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1150H1001B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1150H1001B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1150H1001B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1150H1001B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1150H1001B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1150H1001B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1150H1001B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1150H1001B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1150H1001B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
R1150H
7
R1150HxxxB
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
24.0
V
ISS
Supply Current
VOUT
≥ (-VDET):
VIN=SENSE=VOUT+2.0V
VOUT < (-VDET):
VIN=SENSE=(-VDET)+2.0V
7
14
µA
TTSD
Thermal Shutdown
Temperature
Junction Temperature
150
°C
TTSR
Thermal Shutdown
Temperature
Junction Temperature
120
°C
VR
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN=VOUT+2.0V
IOUT=20mA
×0.98
×1.02
V
IOUT1
Output Current
VIN=VOUT+2.0V
Refer to Output Current Table
ΔVOUT/ΔIOUT
Load Regulation
VIN=VOUT+2.0V
1mA
≤ IOUT ≤ 40mA
Refer to Load Regulation Table
ΔVOUT/ΔVIN
Line Regulation
IOUT=20mA
VOUT+1V
≤ VIN ≤ 24V
0.05
0.15
%/V
VDIF
Dropout Voltage
IOUT=20mA
Refer to Dropout Voltage Table
ΔVOUT/ΔTopt
Output Voltage
Temperature Coefficient
VIN=VOUT+2.0V
IOUT=20mA
−40°C ≤ Topt ≤ 85°C
±100
ppm/°C
ISC
Short Current Limit
VOUT=0V
45
mA
VD
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
×0.975
×1.025
V
VHYS
Detector Threshold
Hysteresis
-VDET
×0.03
-VDET
×0.05
-VDET
×0.07
V
IOUT2
Output Current
(Driver Output Pin)
Refer to Test Conditions for
Output Current Table
0.17
mA
VDDL
Minimum Operating Voltage *Note 1
0.9
1.2
V
Δ-VDET/ΔTopt
Detector Threshold
Temperature Coefficient
−40°C ≤ Topt ≤ 85°C
±100
ppm/°C
tPLH
Output Delay Time
*Note 2
1.0
1.5
ms
Note 1) This item means VDD Voltage when Output Voltage is equal or less than 0.1V.
(Pull-up Resistor=470kW, Pull up Voltage=5V)
Note 2) VDET pin is pulled up to VDD via 470kW. tPLH means time interval from rising edge of VDD from
(-VDET)
−2.0V to (-VDET)+2.0V to the point of Output Voltage being 80% of pull-up voltage.


Similar Part No. - R1150H1001B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
More results

Similar Description - R1150H1001B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
Diodes Incorporated
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1515X RICOH-R1515X Datasheet
847Kb / 20P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com