Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1131D151A-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1131D151A-TR-FE
Description  R1131
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D151A-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1131D151A-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1131D151A-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1131D151A-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1131D151A-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1131D151A-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1131D151A-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1131D151A-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1131D151A-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1131D151A-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
R1131x
3
SELECTION GUIDE
The output voltage, CE pin polarity, auto discharge function, package, etc. for the ICs can be selected at the
user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R1131Nxx1
∗-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
R1131Dxx1
∗-TR-FE
SON-6
3,000 pcs
Yes
Yes
R1131Dxx2
∗-TR-FE
HSON-6
3,000 pcs
Yes
Yes
xx: The output voltage can be designated in the range from 0.8V(08) to 3.3V(33) in 0.1V steps.
(For other voltages, please refer to MARK INFORMATIONS.)
∗ : CE pin polarity and auto discharge function at off state are options as follows.
(A) "L" active, without auto discharge function at off state
(B) "H" active, without auto discharge function at off state
(D) "H" active, with auto discharge function at off state
*R1131Dxx2 (HSON-6) is the discontinued product. As of June in 2016.


Similar Part No. - R1131D151A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D151A RICOH-R1131D151A Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com