Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1122N Datasheet(PDF) 20 Page - RICOH electronics devices division

Part # R1122N
Description  LOW NOISE 150mA LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1122N Datasheet(HTML) 20 Page - RICOH electronics devices division

Back Button R1122N_17 Datasheet HTML 13Page - RICOH electronics devices division R1122N_17 Datasheet HTML 14Page - RICOH electronics devices division R1122N_17 Datasheet HTML 15Page - RICOH electronics devices division R1122N_17 Datasheet HTML 16Page - RICOH electronics devices division R1122N_17 Datasheet HTML 17Page - RICOH electronics devices division R1122N_17 Datasheet HTML 18Page - RICOH electronics devices division R1122N_17 Datasheet HTML 19Page - RICOH electronics devices division R1122N_17 Datasheet HTML 20Page - RICOH electronics devices division R1122N_17 Datasheet HTML 21Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
R1122N
20
TECHNICAL NOTES
Ceramic
Cap.
Ceramic
Cap.
Spectrum
Analyzer
IOUT
VDD
GND
VOUT1
CE
R1122Nxx1B
ESR
4
S.A
3
1
2
VIN
Measuring Circuit for white noise; R1122N301B
The relationship between IOUT (output current) and ESR of the output capacitor is shown in the graphs below.
The conditions when the white noise level is under 40
μV (Avg.) are indicated by the hatched area in the graph.
(Note: When additional ceramic capacitors are connected to the output pin with the output capacitor for phase
compensation, operation might be unstable. Because of this, test these ICs with the same external components
as the ones to be used on the PCB.)
<Measuring Conditions>
(1)VIN=VOUT+1V
(2)Frequency band: 10Hz to 1MHz
(3)Temperature: 25°C


Similar Part No. - R1122N_17

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1122N411A RICOH-R1122N411A Datasheet
226Kb / 20P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1122N_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com