Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1122N Datasheet(PDF) 18 Page - RICOH electronics devices division

Part No. R1122N
Description  LOW NOISE 150mA LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo 

R1122N Datasheet(HTML) 18 Page - RICOH electronics devices division

 
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
R1122N
18
R1122N501B
Topt=25
°C
2
1
1.00V
Ch2
Ch1
20.0mV
M20.0
μs
VIN
VOUT
Tek Run : 2.50MS/s Average
10) Load Transient Response
R1122N151B
Topt=25
°C
2
1
500mV
Ch2
Ch1
50.0mV
M20.0
μs
IOUT
VOUT
Tek Run : 2.50MS/s Average
R1122N201B
Topt=25
°C
2
1
500mV
Ch2
Ch1
50.0mV
M20.0
μs
IOUT
VOUT
Tek Run : 2.50MS/s Average
VIN=6.0V
↔7.0V
IOUT=30mA
CIN=none
COUT=2.2
μF
tr/tf=5
μs
IOUT=50mA
↔100mA
VIN=2.5V
CIN=2.2
μF
COUT=2.2
μF
tr/tf=5
μs
IOUT=50mA
↔100mA
VIN=3.0V
CIN=2.2
μF
COUT=2.2
μF
tr/tf=5
μs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn