Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1122N Datasheet(PDF) 12 Page - RICOH electronics devices division

Part No. R1122N
Description  LOW NOISE 150mA LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1122N Datasheet(HTML) 12 Page - RICOH electronics devices division

Back Button R1122N_17 Datasheet HTML 8Page - RICOH electronics devices division R1122N_17 Datasheet HTML 9Page - RICOH electronics devices division R1122N_17 Datasheet HTML 10Page - RICOH electronics devices division R1122N_17 Datasheet HTML 11Page - RICOH electronics devices division R1122N_17 Datasheet HTML 12Page - RICOH electronics devices division R1122N_17 Datasheet HTML 13Page - RICOH electronics devices division R1122N_17 Datasheet HTML 14Page - RICOH electronics devices division R1122N_17 Datasheet HTML 15Page - RICOH electronics devices division R1122N_17 Datasheet HTML 16Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
R1122N
12
4) Output Voltage vs. Temperature
R1122N151A/B
R1122N201A/B
VIN=2.5V CIN=1
μF
COUT=2.2
μF IOUT=30mA
Temperature Topt (
°C)
-50
-25
0
25
100
50
75
1.53
1.52
1.51
1.50
1.49
1.47
1.48
VIN=3.0V CIN=1
μF
COUT=2.2
μF IOUT=30mA
Temperature Topt (
°C)
-50
-25
0
25
100
50
75
2.10
2.08
2.04
2.06
2.00
2.02
1.98
1.96
1.90
1.94
1.92
R1122N301A/B
R1122N401A/B
VIN=4.0V CIN=1
μF
COUT=2.2
μF IOUT=30mA
Temperature Topt (
°C)
-50
-25
0
25
100
50
75
3.06
3.04
3.02
3.00
2.98
2.94
2.96
VIN=5.0V CIN=1
μF
COUT=2.2
μF IOUT=30mA
Temperature Topt (
°C)
-50
-25
0
25
100
50
75
4.08
4.06
4.04
4.00
4.02
3.98
3.92
3.96
3.94
R1122N501A/B
VIN=6.0V CIN=1
μF
COUT=2.2
μF IOUT=30mA
Temperature Topt (
°C)
-50
-25
0
25
100
50
75
5.10
5.08
5.04
5.06
5.00
5.02
4.98
4.96
4.90
4.94
4.92


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn