Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1122N Datasheet(PDF) 11 Page - RICOH electronics devices division

Part No. R1122N
Description  LOW NOISE 150mA LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo 

R1122N Datasheet(HTML) 11 Page - RICOH electronics devices division

Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
R1122N
11
3) Dropout Voltage vs. Output Current
R1122N151B
R1122N201B
Topt=-40
°C
Topt=25
°C
Topt=85
°C
Output Current IOUT(mA)
0
50
150
100
0.600
0.500
0.400
0.300
0.200
0.100
0.000
Topt=-40
°C
Topt=25
°C
Topt=85
°C
Output Current IOUT(mA)
0
50
150
100
0.600
0.500
0.400
0.300
0.200
0.100
0.000
R1122N301B
R1122N401B
Topt=-40
°C
Topt=25
°C
Topt=85
°C
Output Current IOUT(mA)
0
50
150
100
0.600
0.500
0.400
0.300
0.200
0.100
0.000
Topt=-40
°C
Topt=25
°C
Topt=85
°C
Output Current IOUT(mA)
0
50
150
100
0.600
0.500
0.400
0.300
0.200
0.100
0.000
R1122N501B
Topt=-40
°C
Topt=25
°C
Topt=85
°C
Output Current IOUT(mA)
0
50
150
100
0.600
0.500
0.400
0.300
0.200
0.100
0.000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn