Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3D12065A Datasheet(PDF) 1 Page - Cree, Inc

Part # C3D12065A
Description  650 Volt Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D12065A Datasheet(HTML) 1 Page - Cree, Inc

  C3D12065A Datasheet HTML 1Page - Cree, Inc C3D12065A Datasheet HTML 2Page - Cree, Inc C3D12065A Datasheet HTML 3Page - Cree, Inc C3D12065A Datasheet HTML 4Page - Cree, Inc C3D12065A Datasheet HTML 5Page - Cree, Inc C3D12065A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C3D12065A Rev. -, 12-2016
C3D12065A
Silicon Carbide Schottky Diode
Z-Rec® Rectifier
Features
650VoltSchottkyRectifier
ZeroReverseRecoveryCurrent
ZeroForwardRecoveryVoltage
High-FrequencyOperation
Temperature-IndependentSwitchingBehavior
ExtremelyFastSwitching
PositiveTemperatureCoefficientonV
F
Benefits
ReplaceBipolarwithUnipolarRectifiers
EssentiallyNoSwitchingLosses
HigherEfficiency
ReductionofHeatSinkRequirements
ParallelDevicesWithoutThermalRunaway
Applications
SwitchModePowerSupplies(SMPS)
BoostdiodesinPFCorDC/DCstages
FreeWheelingDiodesinInverterstages
AC/DCconverters
Package
TO-220-2
Maximum Ratings (TC=25°Cunlessotherwisespecified)
Symbol
Parameter
Value
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
650
V
V
RSM
SurgePeakReverseVoltage
650
V
V
DC
DCBlockingVoltage
650
V
I
F
ContinuousForwardCurrent
35
16
12
A
T
C=25˚C
T
C=135˚C
T
C=150˚C
Fig.3
I
FRM
RepetitivePeakForwardSurgeCurrent
51.5
33.5
A
T
C=25˚C,tP=10ms,HalfSinePulse
T
C-110˚C,tP=10ms,HalfSinePulse
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
104
82
A
T
C=25˚C,tP=10ms,HalfSinePulse
T
C=110˚C,tP=10ms,HalfSinePulse
Fig.8
I
F,Max
Non-RepetitivePeakForwardCurrent
1075
900
A
T
C=25˚C,tP=10 ms,Pulse
T
C=110˚C,tP=10 ms,Pulse
Fig.8
P
tot
PowerDissipation
143
62
W
T
C=25˚C
T
C=110˚C
Fig.4
dV/dt
DiodedV/dtruggedness
200
V/ns
V
R=0-650V
∫i2dt
i2tvalue(PerLeg)
54
33.5
A2s
T
C=25˚C,tP=10ms
T
C=110˚C,tP=10ms
T
J,Tstg
OperatingJunctionandStorageTemperature
-55to+175
˚C
TO-220MountingTorque
1
8.8
Nm
lbf-in
M3Screw
6-32Screw
Part Number
Package
Marking
C3D12065A
TO-220-2
C3D12065
PIN1
PIN2
CASE
V
RRM
=
650 V
I
F (TC=135˚C)
= 16 A
Q
c= 34nC


Similar Part No. - C3D12065A

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3D12065A WOLFSPEED-C3D12065A Datasheet
1Mb / 9P
   3rd Generation 650 V, 12 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
More results

Similar Description - C3D12065A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPW2-0650-S012B CREE-CPW2-0650-S012B Datasheet
526Kb / 4P
   650-Volt Schottky Rectifier
CPW2-0650-S016B CREE-CPW2-0650-S016B Datasheet
524Kb / 4P
   650-Volt Schottky Rectifier
CPW3-1700-S025B CREE-CPW3-1700-S025B Datasheet
376Kb / 3P
   1700-Volt Schottky Rectifier
C3D03060A CREE-C3D03060A Datasheet
749Kb / 5P
   Silicon Carbide Schottky Diode 600-Volt Schottky Rectifier
C3D10170H CREE-C3D10170H Datasheet
585Kb / 5P
   Silicon Carbide Schottky Diode 1700-Volt Schottky Rectifier
logo
STMicroelectronics
STPSC16H065A STMICROELECTRONICS-STPSC16H065A Datasheet
235Kb / 9P
   650 V power Schottky silicon carbide rectifier
October 2018 Rev 1
logo
Cree, Inc
C3D06060A CREE-C3D06060A Datasheet
739Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec Rectifier 600-Volt Schottky Rectifier
logo
Central Semiconductor C...
CPD76X-CMLSH1-40 CENTRAL-CPD76X-CMLSH1-40 Datasheet
456Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 14-September 2016
CPD77X-1N5820 CENTRAL-CPD77X-1N5820 Datasheet
519Kb / 4P
   Schottky Rectifier Die 3.0 Amp, 20 Volt
R0 23-January 2017
CPD81X CENTRAL-CPD81X Datasheet
611Kb / 4P
   Schottky Rectifier Die 5.0 Amp, 40 Volt
R0 19-March 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com