Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145707DW Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC145707DW
Description  5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145707DW Datasheet(HTML) 1 Page - Motorola, Inc

  MC145707DW Datasheet HTML 1Page - Motorola, Inc MC145707DW Datasheet HTML 2Page - Motorola, Inc MC145707DW Datasheet HTML 3Page - Motorola, Inc MC145707DW Datasheet HTML 4Page - Motorola, Inc MC145707DW Datasheet HTML 5Page - Motorola, Inc MC145707DW Datasheet HTML 6Page - Motorola, Inc MC145707DW Datasheet HTML 7Page - Motorola, Inc MC145707DW Datasheet HTML 8Page - Motorola, Inc MC145707DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC145705
•MC145706•MC145707
MOTOROLA
1
Product Preview
5 Volt Only
Driver/Receiver with an
Integrated Standby Mode
EIA–232–E and CCITT V.28
The MC145705/06/07 are a series of silicon–gate CMOS transceiver ICs that
fulfill the electrical specifications of EIA–232–E and CCITT V.28 while operating
from a single + 5 V power supply. These transceiver series are high
performance and low power consumption devices that are equipped with
standby and output enable function.
A voltage doubler and inverter convert the + 5 V to
± 10 V. This is
accomplished through an on–board 20 kHz oscillator and four inexpensive
external electrolytic capacitors.
The MC145705 is composed of two drivers and three receivers, the
MC145706 has three drivers and two receivers, and the MC145707 has three
drivers and three receivers. These drivers and receivers are virtually identical to
those of the MC145407.
Available Driver/Receiver Combinations
Device
Drivers
Receivers
No. of Pins
MC145705
2
3
20
MC145706
3
2
20
MC145707
3
3
24
Drivers:
• ± 7.5 Output Swing
• 300 Ω Power–Off Impedance
• Output Current Limiting
• TTL and CMOS Compatible Inputs
• Three–State Outputs During Standby Mode
• Hold Output OFF (MARK) State by TxEN Pin
Receivers:
• ± 25 V Input Range
• 3 to 7 kΩ Input Impedance
• 0.8 V Hysteresis for Enhanced Noise Immunity
• Three–State Outputs During Standby Mode
Charge Pumps:
• + 5 to ± 10 V Dual Charge Pump Architecture
• Supply Outputs Capable of Driving Three Drivers on the MC145403/06
Simultaneously
• Requires Four Inexpensive Electrolytic Capacitors
• On–Chip 20 kHz Oscillators
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MC145705/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145705
MC145706
MC145707
P SUFFIX
PLASTIC DIP
CASE 738
ORDERING INFORMATION
MC145705P
Plastic DIP
MC145706P
Plastic DIP
MC145707P
Plastic DIP
MC145705DW
SOG Package
MC145706DW
SOG Package
MC145707DW
SOG Package
P SUFFIX
PLASTIC DIP
CASE 724
DW SUFFIX
SOG PACKAGE
CASE 751E
DW SUFFIX
SOG PACKAGE
CASE 751D
20
1
24
1
20
1
24
1
© Motorola, Inc. 1995
REV 1
8/95


Similar Part No. - MC145707DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570D MOTOROLA-MC14570D Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570P MOTOROLA-MC14570P Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
More results

Similar Description - MC145707DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Zarlink Semiconductor I...
MV8870 ZARLINK-MV8870 Datasheet
205Kb / 12P
   INTERGRATED DTMF RECEIVER
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com