Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145745FW Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC145745FW
Description  V.21/V.23 TELEMETER MODEM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145745FW Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC145745FW Datasheet HTML 3Page - Motorola, Inc MC145745FW Datasheet HTML 4Page - Motorola, Inc MC145745FW Datasheet HTML 5Page - Motorola, Inc MC145745FW Datasheet HTML 6Page - Motorola, Inc MC145745FW Datasheet HTML 7Page - Motorola, Inc MC145745FW Datasheet HTML 8Page - Motorola, Inc MC145745FW Datasheet HTML 9Page - Motorola, Inc MC145745FW Datasheet HTML 10Page - Motorola, Inc MC145745FW Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC145745
MOTOROLA
7
Figure 1. Out–of–Band Level
– 55
– 15 dB/OCT.
f (Hz)
256 k
16 k
4 k
3.4 k
0
0
– 25
Figure 2. FSK, DTMF, and CPT Carrier Detection Timing
Von
Voff
RxA
CD
toff
ton
Figure 3. DTMF Frequency Detection Bandwidth
NO–DETECT
DETECT MINIMUM
WIDTH
NO–DETECT
– 3.5%
– 1.5% – 2 Hz
+ 1.5% + 2 Hz
+ 3.5%
fo


Similar Part No. - MC145745FW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145740 MOTOROLA-MC145740 Datasheet
144Kb / 12P
   DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE
More results

Similar Description - MC145745FW

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
OKI electronic componet...
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
   300 bps Full Duplex FSK Modem - ITU-T V.21
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com