Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145706P Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC145706P
Description  5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145706P Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC145706P Datasheet HTML 2Page - Motorola, Inc MC145706P Datasheet HTML 3Page - Motorola, Inc MC145706P Datasheet HTML 4Page - Motorola, Inc MC145706P Datasheet HTML 5Page - Motorola, Inc MC145706P Datasheet HTML 6Page - Motorola, Inc MC145706P Datasheet HTML 7Page - Motorola, Inc MC145706P Datasheet HTML 8Page - Motorola, Inc MC145706P Datasheet HTML 9Page - Motorola, Inc MC145706P Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC145705
•MC145706•MC145707
MOTOROLA
6
PIN DESCRIPTIONS
VCC
Digital Power Supply
This digital supply pin is connected to the logic power sup-
ply. This pin should have a 0.33
µF capacitor to ground.
GND
Ground
Ground return pin is typically connected to the signal
ground pin of the EIA–232–D connector (Pin 7) as well as to
the logic power supply ground.
VDD
Positive Power Supply
This is the positive output of the on–chip voltage doubler
and the positive power supply input of the driver/receiver
sections of the device. This pin requires an external storage
capacitor to filter the 50% duty cycle voltage generated by
the charge pump.
VSS
Negative Power Supply
This is the negative output of the on–chip voltage doubler/
inverter and the negative power supply input of the driver/
receiver sections of the device. This pin requires an external
storage capacitor to filter the 50% duty cycle voltage gener-
ated by the charge pump.
TxEN
Output Enable
This is the driver output enable pin. When this pin is in
logic low level, the condition of the driver outputs (Tx1 – Tx3)
are in keep OFF (mark) state.
STB
Standby
The device enters the standby mode while this pin is con-
nected to the logic high level. During the standby mode,
driver and receiver output pins become high impedance
state. In this condition, supply current ICC is below 10 µA
(Typ) and can be operated with low current consumption.
C2+, C2–, C1+, C1–
Voltage Doubler and Inverter
These are the connections to the internal voltage doubler
and inverter, which generate the VDD and VSS voltages.
Rx1, Rx2 (Rx3)
Receive Data Input
These are the EIA–232–E receive signal inputs. A voltage
between + 3 and + 25 V is decoded as a space, and causes
the corresponding DO pin to swing to ground (0 V). A voltage
between – 3 and – 25 V is decoded as a mark, and causes
the DO pin to swing up to VCC.
DO1, DO2 (DO3)
Data Output
These are the receiver digital output pins, which swing
from VCC to GND. Each output pin is capable of driving one
LSTTL input load.
Output level of these pins is high impedance while in
standby mode.
DI1, DI2 (DI3)
Data Input
These are the high impedance digital input pins to the
drivers. Input voltage levels on these pins must be between
VCC and GND.
The level of these input pins are TTL/CMOS compatible.
Tx1, Tx2 (Tx3)
Transmit Data Output
These are the EIA–232–E transmit signal output pins,
which swing toward VDD and VSS. A logic 1 at a DI input
causes the corresponding Tx output to swing toward VSS.
The actual levels and slew rate achieved will depend on the
output loading (RL/CL).
The minimum output impedance is 300
Ω when turned off.
SWITCHING CHARACTERISTICS
RECEIVER
DRIVER
50%
DI1 – DI3
(INPUT)
+ 3 V
0 V
tf
10%
90%
tr
tPHL
tPLH
VOL
VOH
Tx1 – Tx3
(OUTPUT)
50%
Rx1 – Rx3
(INPUT)
+ 3 V
0 V
tf
10%
90%
tr
tPHL
tPLH
VOL
VOH
DO1 – DO3
(OUTPUT)
STB (INPUT)
Tx1 – Rx3
(OUTPUT)
RECEIVER
DRIVER
+ 5 V
0 V
VOL
VOH
+ 1.5 V
+ 1.5 V
+ 5 V
+ 5 V
– 5 V
– 5 V
tDAZ
tDZA
STB (INPUT)
DO1 – DO3
(OUTPUT)
+ 5 V
0 V
VOL
VOH
+ 1.5 V
+ 1.5 V
90%
90%
10%
10%
tRAZ
tRZA
HIGH Z
HIGH Z


Similar Part No. - MC145706P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570D MOTOROLA-MC14570D Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570P MOTOROLA-MC14570P Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
More results

Similar Description - MC145706P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Zarlink Semiconductor I...
MV8870 ZARLINK-MV8870 Datasheet
205Kb / 12P
   INTERGRATED DTMF RECEIVER
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com