Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145149DW Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC145149DW
Description  Dual PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145149DW Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC145149DW Datasheet HTML 4Page - Motorola, Inc MC145149DW Datasheet HTML 5Page - Motorola, Inc MC145149DW Datasheet HTML 6Page - Motorola, Inc MC145149DW Datasheet HTML 7Page - Motorola, Inc MC145149DW Datasheet HTML 8Page - Motorola, Inc MC145149DW Datasheet HTML 9Page - Motorola, Inc MC145149DW Datasheet HTML 10Page - Motorola, Inc MC145149DW Datasheet HTML 11Page - Motorola, Inc MC145149DW Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC145149
MOTOROLA
8
F(s) =
ζ =
ωn =
A)
NR1C
R1sC + 1
DEFINITIONS:
N = Total Division Ratio in Feedback Loop
K
φ (Phase Detector Gain) = VDD/4π for PDout
KVCO (VCO Gain) =
2
π∆fVCO
∆VVCO
Damping Factor:
ζ [ 1
1
C
VCO
PDout
N
ωn
2K
φKVCO
F(s) =
ζ =
ωn =
B)
(R1 +R2)sC + 1
R2sC + 1
C
VCO
R2
PDout
R1
R1
NC(R1 + R2)
R2C+
N
K
φKVCO
0.5
ωn
K
φKVCO
K
φKVCO
RECOMMENDED READING:
Gardner, Floyd M.,
Phaselock Techniques (second edition). New York, Wiley–Interscience, 1979.
Manassewitsch, Vadim,
Frequency Synthesizers: Theory and Design (second edition). New York, Wiley–Interscience, 1980.
Blanchard, Alain,
Phase–Locked Loops: Application to Coherent Receiver Design. New York, Wiley–Interscience, 1976.
Egan, William F.,
Frequency Synthesis by Phase Lock. New York, Wiley–Interscience, 1981.
Rohde, Ulrich L.,
Digital PLL Frequency Synthesizers Theory and Design. Englewood Cliffs, NJ, Prentice–Hall, 1983.
Berlin, Howard M.,
Design of Phase–Locked Loop Circuits, with Experiments. Indianapolis, Howard W. Sams and Co., 1978.
Kinley, Harold,
The PLL Synthesizer Cookbook. Blue Ridge Summit, PA, Tab Books, 1980.
AN535, Phase–Locked Loop Design Fundamentals, Motorola Semiconductor Products, Inc., 1970.
AR254, Phase–Locked Loop Design Articles, Motorola Semiconductor Products, Inc., Reprinted with permission from
Electronic Design,
1987.
for a typical design
ωn (Natural Frequency)
2
πfr
10
(at phase detector input).
Figure 9. Phase–Locked Loop Low–Pass Filter Design
DESIGN CONSIDERATIONS
CRYSTAL OSCILLATOR CONSIDERATIONS
The following options may be considered to provide a ref-
erence frequency to Motorola’s CMOS frequency synthe-
sizers.
Use of a Hybrid Crystal Oscillator
Commercially available temperature–compensate crystal
oscillators (TCXOs) or crystal–controlled data clock oscilla-
tors provide very stable reference frequencies. An oscillator
capable of sinking and sourcing 50
µA at CMOS logic levels
may be direct or dc coupled to OSCin. In general, the highest
frequency capability is obtained utilizing a direct–coupled
square wave having a rail–to–rail (VDD to VSS) voltage
swing. If the oscillator does not have CMOS logic levels on
the outputs, capacitive or ac coupling to OSCin may be used.
OSCout, an unbuffered output, should be left floating.
For additional information about TCXOs and data clock
oscillators, please consult the latest version of the
eem Elec-
tronic Engineers Master Catalog, the Gold Book, or similar
publications.
Design an Off–Chip Reference
The user may design an off–chip crystal oscillator using
ICs specifically developed for crystal oscillator applications,
such as the MC12061 MECL device. The reference signal
from the MECL device is ac coupled to OSCin. For large am-
plitude signals (standard CMOS logic levels), dc coupling is
used. OSCout, an unbuffered output, should be left floating.
In general, the highest frequency capability is obtained with a
direct–coupled square wave having rail–to–rail voltage
swing.
Use of the On–Chip Oscillator Circuitry
The on–chip amplifier (a digital inverter) along with an ap-
propriate crystal may be used to provide a reference source
frequency. A fundamental mode crystal, parallel resonant at


Similar Part No. - MC145149DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14514 ONSEMI-MC14514 Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145145DW2 MOTOROLA-MC145145DW2 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
More results

Similar Description - MC145149DW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com