Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC158 Datasheet(PDF) 1 Page - Harris Corporation

Part No. 74HC158
Description  High Speed CMOS Logic Quad 2-Input Multiplexers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

74HC158 Datasheet(HTML) 1 Page - Harris Corporation

  74HC158 Datasheet HTML 1Page - Harris Corporation 74HC158 Datasheet HTML 2Page - Harris Corporation 74HC158 Datasheet HTML 3Page - Harris Corporation 74HC158 Datasheet HTML 4Page - Harris Corporation 74HC158 Datasheet HTML 5Page - Harris Corporation 74HC158 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCT OR
1
Features
• Common Select Inputs
• Separate Enable Inputs
• Buffered inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD74HC157, CD74HCT157, CD74HC158, CD74HCT158
(PDIP, SOIC)
TOP VIEW
Description
The Harris CD74HC157, CD74HCT157, CD74HC158 and
CD74HCT158 are quad 2-input multiplexers which select
four bits of data from two sources under the control of a
common Select input (S). The Enable input (E) is active Low.
When (E) is High, all of the outputs in the 158, the inverting
type, (1Y-4Y) are forced High and in the 157, the non-
inverting type, all of the outputs (1Y-4Y) are forced Low,
regardless of all other input conditions.
Moving data from two groups of registers to four common
output busses is a common use of these devices. The state
of the Select input determines the particular register from
which the data comes. They can also be used as function
generators.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
S
1I0
1I1
1Y
2I0
2I1
GND
2Y
VCC
4I0
4I1
4Y
3I0
3I1
3Y
E
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
PKG.
NO.
CD74HC157E
-55 to 125
16 Ld PDIP
E16.3
CD74HCT157E
-55 to 125
16 Ld PDIP
E16.3
CD74HC158E
-55 to 125
16 Ld PDIP
E16.3
CD74HCT158E
-55 to 125
16 Ld PDIP
E16.3
CD74HC157M
-55 to 125
16 Ld SOIC
M16.15
CD74HCT157M
-55 to 125
16 Ld SOIC
M16.15
CD74HC158M
-55 to 125
16 Ld SOIC
M16.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer or die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or
Harris customer service for ordering information.
September 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
1642.2
CD74HC157, CD74HCT157,
CD74HC158, CD74HCT158
High Speed CMOS Logic
Quad 2-Input Multiplexers


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn