Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6201 Datasheet(PDF) 19 Page - Mallory performance club

Part No. 6201
Description  MSD Digital 6A and 6AL Ignition Control
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MALLORY [Mallory performance club]
Homepage  http://mallory-ignition.com/
Logo 

6201 Datasheet(HTML) 19 Page - Mallory performance club

 
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
INSTALLATION INSTRUCTIONS
19
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
AFTERMARKET COMPONENTS
Wiring a Mallory 9000 Series using Magnetic Pickup.
BLK/ORANGE
BLK/GREEN
MALLORY
DISTRIBUTOR
+
(NOT USED)
GREEN
PN 8860
HARNESS
VIOLET
ORANGE
BLACK
GRAY
TACH OUTPUT
RED
WHITE
FROM IGNITION KEY
(ORIGINAL COIL
WIRE)
DIGITAL 6AL
REV
LIMITER
AFTERMARKET COMPONENTS
Wiring to a Pertronix Ignitor Kit.
If you did not find a schematic to match your application, or if you need assistance, please
contact MSD Tech at (915) 855-7123.
RED
RED
IGNITION KEY
TO 12V
BLACK
DISTRIBUTOR
WITH
PERTRONIX
WHITE
ORANGE
BLACK
MAGNETIC PICKUP
(NOT USED)
GRAY
TACH OUTPUT
GREEN (-)
VIOLET (+)
DIGITAL 6AL
REV
LIMITER


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn