Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6201 Datasheet(PDF) 18 Page - Mallory performance club

Part No. 6201
Description  MSD Digital 6A and 6AL Ignition Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6201 Datasheet(HTML) 18 Page - Mallory performance club

Back Button 6201 Datasheet HTML 12Page - Mallory performance club 6201 Datasheet HTML 13Page - Mallory performance club 6201 Datasheet HTML 14Page - Mallory performance club 6201 Datasheet HTML 15Page - Mallory performance club 6201 Datasheet HTML 16Page - Mallory performance club 6201 Datasheet HTML 17Page - Mallory performance club 6201 Datasheet HTML 18Page - Mallory performance club 6201 Datasheet HTML 19Page - Mallory performance club 6201 Datasheet HTML 20Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
AFTERMARKET COMPONENTS Wiring a Mallory Unilite or 9000 Series using Points Trigger.
RED
RED
IGNITION KEY
TO 12V
TO GROUND
WHITE
GREEN
BROWN
MALLORY
9000 SERIES
DISTRIBUTOR
W/MALLORY
UNILITE MODULE
WHITE
ORANGE
BLACK
MAGNETIC PICKUP
(NOT USED)
GRAY
TACH OUTPUT
GREEN (-)
VIOLET (+)
DIGITAL 6AL
REV
LIMITER
Wiring a Toyota with a Tach Adapt PN 8910HEI.
GENERAL IMPORT WIRING
ORANGE
(TO COIL +)
BLACK
(TO COIL -)
INDICATES CONNECTION
MAGNETIC PICKUP
(NOT USED)
GRAY
TACH OUTPUT
RED
WHITE
GREEN (-)
VIOLET (+)
ORIGINAL COIL +
WIRE
ORIGINAL COIL -
TERMINAL
AMPLIFIER
DIGITAL 6AL
REV
LIMITER
NOTE: Remove the coil terminal wires. The
negative wire connects to MSD White.The positive
wire connects to MSD Red. The MSD Orange
connects to the coil positive terminal, Black
connects to the coil negative terminal.


Similar Part No. - 6201

ManufacturerPart No.DatasheetDescription
Wurth Elektronik GmbH & Co. KG, Germany.
Wurth Elektronik GmbH &...
620100126015 WURTH-620100126015 Datasheet
426Kb / 2P
   2.00 MM PRE-CRIMPED CONTACT
Tyco Electronics
Tyco Electronics
62011-1 MACOM-62011-1 Datasheet
944Kb / 22P
   FASTON Receptacles
TE Connectivity Ltd
TE Connectivity Ltd
62011-1 TEC-62011-1 Datasheet
41Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
Tyco Electronics
Tyco Electronics
62011-2 MACOM-62011-2 Datasheet
944Kb / 22P
   FASTON Receptacles
TE Connectivity Ltd
TE Connectivity Ltd
62011-2 TEC-62011-2 Datasheet
41Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6201

ManufacturerPart No.DatasheetDescription
Mallory performance club
Mallory performance clu...
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
PN62013 MALLORY-PN62013 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6A-PN6201 MALLORY-6A-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6425 MALLORY-6425 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
PN6421 MALLORY-PN6421 Datasheet
2Mb / 28P
   MSD 6AL-2 Ignition Control
PN6530 MALLORY-PN6530 Datasheet
728Kb / 20P
   Programmable 6AL-2 Ignition Control
PN65303 MALLORY-PN65303 Datasheet
728Kb / 20P
   Programmable 6AL-2 Ignition Control
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
   MSD Digital 6 Plus Ignition Control
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz