Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44002 Datasheet(PDF) 37 Page - Motorola, Inc

Part # MC44002
Description  CHROMA 4 VIDEO PROCESSOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44002 Datasheet(HTML) 37 Page - Motorola, Inc

Back Button MC44002 Datasheet HTML 32Page - Motorola, Inc MC44002 Datasheet HTML 33Page - Motorola, Inc MC44002 Datasheet HTML 34Page - Motorola, Inc MC44002 Datasheet HTML 35Page - Motorola, Inc MC44002 Datasheet HTML 36Page - Motorola, Inc MC44002 Datasheet HTML 37Page - Motorola, Inc MC44002 Datasheet HTML 38Page - Motorola, Inc MC44002 Datasheet HTML 39Page - Motorola, Inc MC44002 Datasheet HTML 40Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
MC44002 MC44007
37
MOTOROLA ANALOG IC DEVICE DATA
APPENDIX A – SYSTEM IDENTIFICATION TABLE
The table below can be used for color standard selection
between the normal PAL (I, BG), SECAM (L, BG) and NTSC
(3.58 MHz – M) standards. Detecting the hybrid VCR
standard (525 lines with 4.4 MHz chrominance) would entail
switching back to the 17.7 MHz crystal in the event of there
being no flag present with the 14.3 MHz crystal. The
MC44002/7 could also be used for the PAL M and N
standards that are used in some parts of South America, but
because the subcarrier frequencies differ by some kHz from
the normal, crystals with a different center frequency would
be required.
Table 6. System Identification
Flags from the MC44002/7
<576
Lines
ACC On
PAL
SECAM
Crystal
(MHz)
Standard Selected
By MCU
0
0
0
0
17.7
Kill
0
0
0
1
17.7
SECAM
0
0
1
0
17.7
Kill
0
0
1
1
17.7
I2C Bus Error
0
1
0
0
17.7
Kill
0
1
0
1
17.7
SECAM
0
1
1
0
17.7
PAL
0
1
1
1
17.7
I2C Bus Error
1
0
0
0
14.3
NTSC Kill
1
0
0
1
14.3
NTSC Kill
1
0
1
0
14.3
NTSC Kill
1
0
1
1
14.3
I2C Bus Error
1
1
0
0
14.3
NTSC
1
1
0
1
14.3
NTSC
1
1
1
0
14.3
NTSC
1
1
1
1
14.3
I2C Bus Error


Similar Part No. - MC44002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44001 MOTOROLA-MC44001 Datasheet
5Mb / 69P
   Chroma 4 Multistandard Video Processor
More results

Similar Description - MC44002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44001 MOTOROLA-MC44001 Datasheet
5Mb / 69P
   Chroma 4 Multistandard Video Processor
logo
NTE Electronics
NTE1673 NTE-NTE1673 Datasheet
24Kb / 3P
   Integrated Circuit Video Chroma Processor
logo
Mitsubishi Electric Sem...
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
   PAL VIDEO CHROMA SIGNAL PROCESSOR?
M52300BSP MITSUBISHI-M52300BSP Datasheet
986Kb / 8P
   NTSC VIDEO CHROMA DEFLECTION PROCESSOR???
logo
Renesas Technology Corp
M52042FP RENESAS-M52042FP Datasheet
183Kb / 14P
   NTSC Video Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M51403FP MITSUBISHI-M51403FP Datasheet
349Kb / 11P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
M52042FP MITSUBISHI-M52042FP Datasheet
315Kb / 7P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR?
logo
Renesas Technology Corp
M51403FP RENESAS-M51403FP Datasheet
3Mb / 12P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
M52045FP RENESAS-M52045FP Datasheet
181Kb / 14P
   PAL Video Chroma Signal Processor
logo
NTE Electronics
NTE1410 NTE-NTE1410 Datasheet
35Kb / 3P
   Integrated Circuit Chroma Video Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com