Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34270FB Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC34270FB
Description  LIQUID CRYSTAL DISPLAY AND BACKLIGHT INTEGRATED CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34270FB Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC34270FB Datasheet HTML 4Page - Motorola, Inc MC34270FB Datasheet HTML 5Page - Motorola, Inc MC34270FB Datasheet HTML 6Page - Motorola, Inc MC34270FB Datasheet HTML 7Page - Motorola, Inc MC34270FB Datasheet HTML 8Page - Motorola, Inc MC34270FB Datasheet HTML 9Page - Motorola, Inc MC34270FB Datasheet HTML 10Page - Motorola, Inc MC34270FB Datasheet HTML 11Page - Motorola, Inc MC34270FB Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC34270 MC34271
9
MOTOROLA ANALOG IC DEVICE DATA
Figure 13. MC34270 Incandescent Backlight Configuration
En
R
S
Q
Vin
5.0 V to 16 V
D1
S1
DS1
SW1
Sync
Drv1
EN1
ELD
Mode
R
S
Q
RT
SS1
Vref
1.25 V
Ref1
FB1
Circuit #1 Bias Supply
VDD
VDD
Comp1
En
OSC
D2
S2
VB
V0
V1
V2
V3
V4
VDD
Circuit #2
Bias Supply
Ref2
FB2
Comp2
SS2
DS2
EN2
VA
Gnd
BIAS
6.0 V to 30 V
V2
V3
V4
VDD2
VDD2
VDD2
169 k
16
15
14
13
12
19
18
17
10
11
9
6
7
32
1
26
8
31
30
27
2
3
4
5
23
22
21
20
24
25
28
29
LCD
Display
÷ 2
÷ N
V1
V0
LCD
Contrast
Vref
DS1
1
0.1
µF
MC34270
DAC


Similar Part No. - MC34270FB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34271 ONSEMI-MC34271 Datasheet
343Kb / 12P
   Liquid Crystal Display and Backlight Integrated Controller
April, 2000 ??Rev. 0
MC34271FB ONSEMI-MC34271FB Datasheet
343Kb / 12P
   Liquid Crystal Display and Backlight Integrated Controller
April, 2000 ??Rev. 0
More results

Similar Description - MC34270FB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34271 ONSEMI-MC34271 Datasheet
343Kb / 12P
   Liquid Crystal Display and Backlight Integrated Controller
April, 2000 ??Rev. 0
logo
Guangdong Kexin Industr...
KTS2005 KEXIN-KTS2005 Datasheet
46Kb / 2P
   Liquid Crystal Display Backlight Drive Applications
logo
Sanyo Semicon Device
FTS2005 SANYO-FTS2005 Datasheet
40Kb / 4P
   Liquid Crystal Display Backlight Drive Applications
logo
KODENSHI_AUK CORP.
KK472 KODENSHI-KK472 Datasheet
207Kb / 4P
   Liquid Crystal Display Controller
logo
Integral Corp.
IN472-3 INTEGRAL-IN472-3 Datasheet
129Kb / 3P
   Liquid Crystal Display Controller
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
National Semiconductor ...
TLDD6932COP472 NSC-TLDD6932COP472 Datasheet
146Kb / 8P
   COP472-3 Liquid Crystal Display Controller
COP472-3 NSC-COP472-3 Datasheet
143Kb / 8P
   COP472-3 Liquid Crystal Display Controller
logo
Texas Instruments
COP472WM-3 TI-COP472WM-3 Datasheet
144Kb / 10P
[Old version datasheet]   COP472-3 Liquid Crystal Display Controller
logo
Seiko Instruments Inc
G191C SII-G191C Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY MODULE WITH BUILT-IN EL BACKLIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com