Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD6025 Datasheet(PDF) 1 Page - ORION FANS

Part # OD6025
Description  DC Fan - 5, 12, 24, 48V 60x25mm (2.36?쓝 1.0??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD6025 Datasheet(HTML) 1 Page - ORION FANS

  OD6025_16 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
68
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
PBT, UL94V-0 plastic
Available Options:
Tachometer
Alarm
PWM
IP55
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Sleeve - 30,000 hrs (45C)
Operating Temperature
Ball: -20C ~ +75C
Sleeve: -10C ~ +50C
Weight: ~ 0.15 lbs
2x Lead wires 24AWG
Brushless DC, auto restart,
polarity protected
Ball bearing or Sleeve
10M ohm between leadwire
and frame (500VDC)
1 minute at 500 VAC, max
leakage < 500 MicroAmp
-40C ~ +80C
m1
OD6025 Series
DC Fan - 5, 12, 24, 48V
60x25mm (2.36”x 1.0”)
OD6025-05H*
4000
20
30
5
1.4
0.28
0.17
OD6025-12HH *
5100
28
40
12
3.1
0.25
0.24
OD6025-12H *
4500
24
35
12
2.8
0.23
0.20
OD6025-12M *
3500
18
27
12
1.7
0.14
0.11
OD6025-12L *
2500
13
18
12
1.0
0.08
0.07
OD6025-24HH *
5100
28
40
24
3.9
0.16
0.24
OD6025-24H *
4500
24
35
24
3.5
0.15
0.20
OD6025-24M *
3500
18
27
24
1.9
0.08
0.11
OD6025-24L *
2500
13
18
24
1.0
0.06
0.07
OD6025-48H*
4200
28
30
48
3.4
0.07
0.24
To indicate sleeve bearing replace “B” suffix with “S” in part number (30,000 hrs life expectancy)
To indicate sealed sleeve bearing replace “B” with “SS” in part number (50,000 hrs life expectancy)


Similar Part No. - OD6025_16

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD6025-12H ORIONFANS-OD6025-12H Datasheet
231Kb / 1P
   DC Fan
OD6025-12HB ORIONFANS-OD6025-12HB Datasheet
119Kb / 1P
   DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
OD6025-12HH ORIONFANS-OD6025-12HH Datasheet
231Kb / 1P
   DC Fan
OD6025-12HHB ORIONFANS-OD6025-12HHB Datasheet
119Kb / 1P
   DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
OD6025-12HHS ORIONFANS-OD6025-12HHS Datasheet
119Kb / 1P
   DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
More results

Similar Description - OD6025_16

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD6025 ORIONFANS-OD6025 Datasheet
119Kb / 1P
   DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD1225-48 ORIONFANS-OD1225-48 Datasheet
230Kb / 1P
   DC Fan - 48V 120x25mm (4.7?쓝 1.0??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
   DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
   DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
   DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD180APL ORIONFANS-OD180APL Datasheet
164Kb / 1P
   DC Fan - 12, 24, 48V 180x65mm (7.1?쓝 2.6??
OD9225 ORIONFANS-OD9225_16 Datasheet
636Kb / 1P
   DC Fan - 12, 24, 48V 92x25 (3.62?쓝 1.00??
OD6020 ORIONFANS-OD6020 Datasheet
116Kb / 1P
   DC Fan - 12, 24V 60x20mm (2.36?쓝 .79??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com