Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD1238-12MBXJ10A Datasheet(PDF) 1 Page - ORION FANS

Part # OD1238-12MBXJ10A
Description  DC Fan 12V 120x38mm (4.7?쓝 1.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD1238-12MBXJ10A Datasheet(HTML) 1 Page - ORION FANS

  OD1238-12MBXJ10A Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHSCompliant
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
m1
Motor
Brushless DC, auto restart,
polarity protected.
Bearing System
Dual ball bearing
Insulation Resistance Min. 10M at 500VDC
Dielectric Strength
1 minute at 500 VAC, max
leakage < 500 MicroAmp
Storage Temperature -40C ~ +80C
Frame & Impeller
PBT, UL94V-O plastic
Life (L10)
70
,000 hours (40C)
* Connection
UL1007, 24AWG, ~320mm
Red (+)
Black (-)
Nominal Voltage
12V
DC
Temperature Range
-10C ~ +70C
OD1238 XJ Series
DC Fan 12V
12
0x38mm (4.7”x 1.5”)
Voltage Range
7 ~ 13.2V
DC
Rated
Current
2.30
A
Rated Power
27.6
W
Rated Speed (RPM)
5000
Airflow (CFM)
207
Noise Level (dB)
63
Max. Static Pressure
1
.04” H2O
Part Number
OD1238-12MBXJ10A
Tachometer - Open Collector
PWM
Connecion
4x
Lead wires *
White Tachometer
Blue PWM
Weight: ~ 375 g


Similar Part No. - OD1238-12MBXJ10A

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1238-12MBXJ01A ORIONFANS-OD1238-12MBXJ01A Datasheet
832Kb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
More results

Similar Description - OD1238-12MBXJ10A

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1238-12MBXJ01A ORIONFANS-OD1238-12MBXJ01A Datasheet
832Kb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD1238-12HBXJ01A ORIONFANS-OD1238-12HBXJ01A Datasheet
916Kb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD1238-12HBXJ10A ORIONFANS-OD1238-12HBXJ10A Datasheet
1Mb / 1P
   DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD1238-60HB ORIONFANS-OD1238-60HB Datasheet
210Kb / 2P
   DC Fan - 60VDC 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC Datasheet
100Kb / 1P
   High Performance DC Fan 120x38mm (4.7?쓝 1.5??
OA109AP-TEMPCONTROL ORIONFANS-OA109AP-TEMPCONTROL Datasheet
204Kb / 1P
   AC Smart Fan 120x38mm (4.7?쓝 1.5??
OA109XC ORIONFANS-OA109XC_16 Datasheet
449Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA4715 ORIONFANS-OA4715 Datasheet
119Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109-METAL ORIONFANS-OA109-METAL Datasheet
240Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109XC ORIONFANS-OA109XC Datasheet
113Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com