Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14547BCL Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC14547BCL
Description  HIGH CURRENT BCD-TO-SEVEN SEGMENT DECODER/DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14547BCL Datasheet(HTML) 1 Page - Motorola, Inc

  MC14547BCL Datasheet HTML 1Page - Motorola, Inc MC14547BCL Datasheet HTML 2Page - Motorola, Inc MC14547BCL Datasheet HTML 3Page - Motorola, Inc MC14547BCL Datasheet HTML 4Page - Motorola, Inc MC14547BCL Datasheet HTML 5Page - Motorola, Inc MC14547BCL Datasheet HTML 6Page - Motorola, Inc MC14547BCL Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14547B
High Current BCD-to-Seven
Segment Decoder/Driver
The MC14547 BCD–to–seven segment decoder/driver is constructed with
complementary MOS (CMOS) enhancement mode devices and NPN bipolar
output drivers in a single monolithic structure. The circuit provides the
functions of an 8421 BCD–to–seven segment decoder with high output drive
capability. Blanking (BI), can be used to turn off or pulse modulate the
brightness of the display. The MC14547 can drive seven–segment
light–emitting diodes (LED), incandescent, fluorescent or gas discharge
readouts either directly or indirectly.
Applications include instrument (e.g., counter, DVM, etc.) display driver,
computer/calculator display driver, cockpit display driver, and various clock,
watch, and timer uses.
• High Current Sourcing Outputs (Up to 65 mA)
• Low Logic Circuit Power Dissipation
• Supply Voltage Range = + 3.0 V to + 18 V
• Blanking Input
• Readout Blanking on All Illegal Combinations
• Lamp Intensity Modulation Capability
• Multiplexing Capability
• Capable of Driving Two Low–Power TTL Loads, One Low–Power
Schottky TTL Load or Two HTL Loads over the Rated Temperature
Range
• Use MC14511B for Applications Requiring Data Latches
MAXIMUM RATINGS* (Voltages referenced to VSS, Pin 8)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to + 18
V
Input Voltage, All Inputs
Vin
– 0.5 to VDD + 0.5
V
Operating Temperature Range
TA
– 55 to + 125
_C
Storage Temperature Range
Tstg
– 65 to + 150
_C
Maximum Continuous Output Drive
Current (Source) per Output
IOHmax
65
mA
Maximum Continuous Power Dissipation
PD
1200*
mW
* Maximum Ratings are those values beyond which damage to the device may occur.
* See Power Derating Curve Figure 1.
This device contains circuitry to protect the inputs against damage
due to high static voltages or electric fields; however, it is advised that
normal precautions be taken to avoid application of any voltage higher
than maximum rated voltages to this high-impedance circuit. A destruc-
tive high current mode may occur if Vin and Vout is not constrained to
the range VSS ≤ (Vin or Vout) ≤ VDD.
Due to the sourcing capability of this circuit, damage can occur to the
device if VDD is applied, and the outputs are shorted to VSS and are at a
logical 1 (See Maximum Ratings).
Unused inputs must always be tied to an appropriate logic voltage
level (e.g., either VSS or VDD).
Inputs
Outputs
BI
D C B A a b c d e
f g
Display
0
X
X
X X 0 0 0 0 0 0 0
Blank
1
0
0
0 0 1 1 1 1 1 1 0
0
1
0
0
0 1 0 1 1 0 0 0 0
1
1
0
0
1 0 1 1 0 1 1 0 1
2
1
0
0
1 1 1 1 1 1 0 0 1
3
1
0
1
0 0 0 1 1 0 0 1 1
4
1
0
1
0 1 1 0 1 1 0 1 1
5
1
0
1
1 0 0 0 1 1 1 1 1
6
1
0
1
1 1 1 1 1 0 0 0 0
7
1
1
0
0 0 1 1 1 1 1 1 1
8
1
1
0
0 1 1 1 1 0 0 1 1
9
1
1
0
1 0 0 0 0 0 0 0 0
Blank
1
1
0
1 1 0 0 0 0 0 0 0
Blank
1
1
1
0 0 0 0 0 0 0 0 0
Blank
1
1
1
0 1 0 0 0 0 0 0 0
Blank
1
1
1
1 0 0 0 0 0 0 0 0
Blank
1
1
1
1 1 0 0 0 0 0 0 0
Blank
X = Don’t care
TRUTH TABLE
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
0
1
2
3
4
5
6
7
8
9
DISPLAY
MC14547B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBDW
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
DW SUFFIX
SOIC
CASE 751G
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
b
a
g
f
VDD
e
d
c
BI
NC
C
B
VSS
A
D
NC
a
b
c
d
e
f
g


Similar Part No. - MC14547BCL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145472FE MOTOROLA-MC145472FE Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT TRANSPARENT LATCH
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
Pulse A Technitrol Comp...
MC145474 PULSE-MC145474 Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
Motorola, Inc
MC145475 MOTOROLA-MC145475 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
More results

Similar Description - MC14547BCL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3161 INTERSIL-CA3161 Datasheet
17Kb / 4P
   BCD to Seven Segment Decoder/Driver
August 1997
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
   BCD to Seven Segment Decoder/Driver
Aug 1997
logo
List of Unclassifed Man...
74248 ETC1-74248 Datasheet
75Kb / 1P
   BCD- to-Seven- Segment Decoder /Driver
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com