Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12439 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC12439
Description  HIGH FREQUENCY PLL CLOCK GENERATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12439 Datasheet(HTML) 4 Page - Motorola, Inc

  MC12439 Datasheet HTML 1Page - Motorola, Inc MC12439 Datasheet HTML 2Page - Motorola, Inc MC12439 Datasheet HTML 3Page - Motorola, Inc MC12439 Datasheet HTML 4Page - Motorola, Inc MC12439 Datasheet HTML 5Page - Motorola, Inc MC12439 Datasheet HTML 6Page - Motorola, Inc MC12439 Datasheet HTML 7Page - Motorola, Inc MC12439 Datasheet HTML 8Page - Motorola, Inc MC12439 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC12439
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
4
from a 16.666MHz reference the following M and N values
would be used:
FOUT = 16.666 x M
÷ N
Let N = 1, M = 533.333
÷ 16.666 = 32
The value for M falls within the constraints set for PLL stability
(400
÷16.666 ≤ M ≤ 800÷16.666; 24 ≤ M ≤ 48), therefore
N[1:0] = 11 and M[6:0} = 0100000. If the value for M fell
outside of the valid range a different N value would be
selected to try to move M in the appropriate direction.
The M and N counters can be loaded either through a
parallel or serial interface. The parallel interface is controlled
via the P_LOAD signal such that a LOW to HIGH transition
will latch the information present on the M[6:0] and N[1:0]
inputs into the M and N counters. When the P_LOAD signal is
LOW the input latches will be transparent and any changes
on the M[6:0] and N[1:0] inputs will affect the FOUT output
pair. To use the serial port the S_CLOCK signal samples the
information on the S_DATA line and loads it into a 12 bit shift
register. Note that the P_LOAD signal must be HIGH for the
serial load operation to function. The Test register is loaded
with the first three bits, the N register with the next two and
the M register with the final eight bits of the data streeam on
the S_DATA input. For each register the most significant bit is
loaded first (T2, N1 and M6). A pulse on the S_LOAD pin
after the shift register is fully loaded will transfer the divide
values into the counters. The HIGH to LOW transition on the
S_LOAD input will latch the new divide values into the
counters. NO TAG illustrates the timing diagram for both a
parallel and a serial load of the MC12439 synthesizer.
M[6:0] and N[1:0] are normally specified once at power–up
through the parallel interface, and then possibly again
through the serial interface. This approach allows the
application to come up at one frequency and then change or
fine–tune the clock as the ability to control the serial interface
becomes available.
The TEST output provides visibility for one of the several
internal nodes as determined by the T[2:0] bits in the serial
configuration stream. It is not configurable through the
parallel interface. Although it is possible to select the node
that represents FOUT, the CMOS output may not be able to
toggle fast enough for some of the higher output frequencies.
The T2, T1 and T0 control bits are preset to ‘000’ when
P_LOAD is LOW so that the PECL FOUT outputs are as
jitter–free as possible. Any active signal on the TEST output
pin will have detrimental affects on the jitter of the PECL
output pair. In normal operations, jitter specifications are only
guaranteed if the TEST output is static. The serial
configuration port can be used to select one of the alternate
functions for this pin.
Most of the signals available on the TEST output pin are
useful only for performance verification of the MC12439
itself. However the PLL bypass mode may be of interest at
the board level for functional debug. When T[2:0] is set to 110
the MC12439 is placed in PLL bypass mode. In this mode the
S_CLOCK input is fed directly into the M and N dividers. The
N divider drives the FOUT differential pair and the M counter
drives the TEST output pin. In this mode the S_CLOCK input
could be used for low speed board level functional test or
debug. Bypassing the PLL and driving FOUT directly gives
the user more control on the test clocks sent through the
clock tree. NO TAG shows the functional setup of the PLL
bypass mode. Because the S_CLOCK is a CMOS level the
input frequency is limited to 250MHz or less. This means the
fastest the FOUT pin can be toggled via the S_CLOCK is
250MHz as the minimum divide ratio of the N counter is 1.
Note that the M counter output on the TEST output will not be
a 50% duty cycle due to the way the divider is implemented.
T2
T1
T0
TEST (Pin 20)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
SHIFT REGISTER OUT
HIGH
FREF
M COUNTER OUT
FOUT
LOW
PLL BYPASS
FOUT/4
Figure 3. Timing Diagram
S_CLOCK
S_DATA
S_LOAD
M[6:0]
N[1:0]
P_LOAD
T2
T1
T0
N1
N0
M6
M5
M4
M3
M2
M1
M0
M, N
First
Bit
Last
Bit


Similar Part No. - MC12439

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results

Similar Description - MC12439

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
TriQuint Semiconductor
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
TQ2059 TRIQUINT-TQ2059 Datasheet
195Kb / 6P
   High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com