Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5850 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJE5850
Description  Switch-mode Series PNP Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5850 Datasheet(HTML) 5 Page - ON Semiconductor

  MJE5850 Datasheet HTML 1Page - ON Semiconductor MJE5850 Datasheet HTML 2Page - ON Semiconductor MJE5850 Datasheet HTML 3Page - ON Semiconductor MJE5850 Datasheet HTML 4Page - ON Semiconductor MJE5850 Datasheet HTML 5Page - ON Semiconductor MJE5850 Datasheet HTML 6Page - ON Semiconductor MJE5850 Datasheet HTML 7Page - ON Semiconductor MJE5850 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJE5850, MJE5851, MJE5852
www.onsemi.com
5
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power
supplies and hammer drivers, current and voltage
waveforms
are
not
in
phase.
Therefore,
separate
measurements must be made on each waveform to
determine the total switching time. For this reason, the
following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% VCEM
trv = Voltage Rise Time, 10−90% VCEM
tfi = Current Fall Time, 90−10% ICM
tti = Current Tail, 10−2% ICM
tc = Crossover Time,10% VCEM to 10% ICM
An enlarged portion of the inductive switching waveform
is shown in Figure 7 to aid on the visual identity of these
terms.
For the designer, there is minimal switching loss during
storage time and the predominant switching power losses
occur during the crossover interval and can be obtained
using the standard equation from AN−222A:
PSWT = 1/2 VCCIC(tc)f
In general, trv + tfi
] tc. However, at lower test currents
this relationship may not be valid.
As is common with most switching transistors, resistive
switching is specified at 25
°C and has become a benchmark
for designers. However, for designers of high frequency
converter circuits, the user oriented specifications which
make this a “SWITCHMODE” transistor are the inductive
switching speeds (tc and tsv) which are guaranteed at 100
_C.
t, TIME (ms)
1
0.01
0.01
0.7
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
500
ZqJC(t) = r(t) RqJC
RqJC = 1.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.01
SINGLE PULSE
0.1
0.1
0.5
0.2
1 k
0.5
0.3
0.07
0.03
0.02
IC, COLLECTOR CURRENT (AMPS)
tr
Figure 9. Turn−On Switching Times
Figure 10. Turn−Off Switching Time
0.1
0.3
0.2
10
0.4
Figure 11. Typical Thermal Response [ZqJC(t)]
0.02
0.01
1.0
0.7
0.3
0.2
0.5
0.1
IC, COLLECTOR CURRENT (AMPS)
0.7
3.0
10
2.0
5.0
0.1
1.0
7.0
VCC = 250 V
IC/IB = 4
TJ = 25°C
0.5
0.03
0.05
0.07
0.7
VCC = 250 V
IC/IB = 4
VBE(off) = 5 V
TJ = 25°C
0.3
0.2
0.7
4.0
10
0.1
2.0
7.0
0.5
0.3
1.0
td
ts
tf
0.02
0.05


Similar Part No. - MJE5850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850 Datasheet
302Kb / 8P
   PNP SILICON POWER TRANSISTORS
1995
MJE5850 ONSEMI-MJE5850 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5850 NJSEMI-MJE5850 Datasheet
114Kb / 3P
   SWITCHMODE Series PNP Silicon Power Transistors
logo
ON Semiconductor
MJE5850G ONSEMI-MJE5850G Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
More results

Similar Description - MJE5850

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com