Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5730 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE5730
Description  High Voltage PNP Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5730 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE5730 Datasheet HTML 1Page - ON Semiconductor MJE5730 Datasheet HTML 2Page - ON Semiconductor MJE5730 Datasheet HTML 3Page - ON Semiconductor MJE5730 Datasheet HTML 4Page - ON Semiconductor MJE5730 Datasheet HTML 5Page - ON Semiconductor MJE5730 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE5730, MJE5731, MJE5731A
www.onsemi.com
3
IC, COLLECTOR CURRENT (AMPS)
1.0
0.8
1.4
1.2
0.4
0
0.6
0.2
Figure 3. Base−Emitter Voltage
0.05
0.2
2.0
0.1
0.5
0.3
1.0
0.02 0.03
VBE(sat) @ IC/IB = 5.0
TJ = - 55°C
25
°C
150
°C
1.0
0
TC, CASE TEMPERATURE (°C)
0
50
175
0.8
0.6
0.4
0.2
75
100
125
Figure 4. Normalized Power Derating
SECOND BREAKDOWN
DERATING
THERMAL
DERATING
25
150
10
5.0
Figure 5. Forward Bias Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5.0
2.0
0.5
0.01
30
100
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
dc
500
ms
0.05
10
20
1.0ms
200 300
500
1.0
0.2
50
0.1
0.02
TC = 25°C
100
ms
MJE5730
MJE5731
MJE5732
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150
_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk)
≤ 150_C. TJ(pk) may be calculated from the data in
Figure 6. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
t, TIME (ms)
1.0
0.01
1 k
0.3
0.2
0.07
RqJC(t) = r(t) RqJC
RqJC = 3.125°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
0.7
Figure 6. Thermal Response
0.5
0.1
0.05
0.03
0.02
0.02
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
0.2
SINGLE PULSE
D = 0.5
0.05
0.1
0.02
0.01


Similar Part No. - MJE5730

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
MJE5730 ONSEMI-MJE5730 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
logo
Inchange Semiconductor ...
MJE5730 ISC-MJE5730 Datasheet
264Kb / 2P
   Silicon PNP Power Transistor
logo
ON Semiconductor
MJE5730G ONSEMI-MJE5730G Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
More results

Similar Description - MJE5730

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730_06 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
MJD5731 ONSEMI-MJD5731 Datasheet
95Kb / 8P
   High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731 ONSEMI-MJD5731_13 Datasheet
133Kb / 5P
   High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918G ONSEMI-2N4918G Datasheet
117Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com