Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8741 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8741
Description  Satellite sound circuit with noise reduction
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8741 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8741 Datasheet HTML 6Page - NXP Semiconductors TDA8741 Datasheet HTML 7Page - NXP Semiconductors TDA8741 Datasheet HTML 8Page - NXP Semiconductors TDA8741 Datasheet HTML 9Page - NXP Semiconductors TDA8741 Datasheet HTML 10Page - NXP Semiconductors TDA8741 Datasheet HTML 11Page - NXP Semiconductors TDA8741 Datasheet HTML 12Page - NXP Semiconductors TDA8741 Datasheet HTML 13Page - NXP Semiconductors TDA8741 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
October 1994
10
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8741; TDA8741H
AC CHARACTERISTICS
All voltages referenced to ground at pins 9 and 34 (4 and 30). Measured in test circuit Fig.4; VP = 12 V; Tamb =25 °C;
fMOD = 1 kHz; fOM = 6.5 MHz; ∆fM = 46 kHz; ∆fS1 = ∆fS2 = 27 kHz (reference levels); fOS1 = 10.7 MHz;
fOS2 = 10.52 MHz; HF level at pin 18 (14): 40 mV (RMS); HF level at pins 8 and 16 (3 and 11): 20 mV (RMS);
MCS = logic 0 [V7 (V2) = 0 V]; SCD = logic 0 [V11 (V6) = 0 V]; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Main channel - HF input pin 18 (14) and limiter
VIN3(rms)
input sensitivity (RMS value)
S/N(A) = 40 dB
1.0
2.0
mV
VIN3(rms)
input signal level (RMS value)
−−
200
mV
RIN3
input resistance
15
k
Main channel - PLL FM demodulator and DC decoupling amplifier
fCCO
free-running frequency
6.5
MHz
MCS = logic 1
10.7
MHz
∆fOM
lock range of PLL
note 1
5.5
7.5
MHz
MCS = logic 1; note 1
10.0
11.5
MHz
RCDM
output resistance for 50
µs
de-emphasis pin 20 (16)
1.24
1.5
1.7
k
VCDM
output voltage pin 20 (16)
−18.5 −16.0 −14.5 dBV
∆VCDM
spread of PLL output voltage
over lock range pin 20 (16)
−−
±1dB
RCCM
input resistance of output
amplifier pin 21 (17)
95
150
200
k
Main channel - overall performance (output selector in position 4)
VOM,OR,OL
output voltage pins 23, 24 and
25 (19, 20 and 21)
all PLLs locked
−9
−6
−4
dBV
THD
total harmonic distortion
all PLLs locked
0.1
0.5
%
S/N(A)
signal-to-noise ratio
A-weighted;
all PLLs locked
62
70
dB
15 kHz frequency response
with respect to 1 kHz pin 23 (19)
no de-emphasis
connected
−0.5
0
+0.5
dB
ROM,OR,OL
output resistance pins 23, 24
and 25 (19, 20 and 21)
92
125
150
α
S/M
crosstalk attenuation from
secondary channels to main
note 2
74
dB
MUTEatt
mute attenuation
output selector in
position 7
74
−−
dB
SVRR
supply voltage ripple rejection
VRR = 100 mV; fi =70Hz −
35
dB
Secondary channels 1 and 2 - HF inputs pins 8 and 16 (3 and 11) and limiters
VIN1,IN2(rms)
input sensitivity (RMS value)
S/N(A) = 40 dB
0.8
1.5
mV
Vi(rms)
input signal level (RMS value)
−−
200
mV
RIN1,IN2
input resistance
280
330
380
V
OM 15 kHz
()
V
OM 1 kHz
()
-------------------------------


Similar Part No. - TDA8741

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8740 PHILIPS-TDA8740 Datasheet
325Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8740H PHILIPS-TDA8740H Datasheet
325Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8742 PHILIPS-TDA8742 Datasheet
284Kb / 21P
   Satellite sound circuit with noise reduction
October 1994
TDA8742H PHILIPS-TDA8742H Datasheet
284Kb / 21P
   Satellite sound circuit with noise reduction
October 1994
TDA8745 PHILIPS-TDA8745 Datasheet
261Kb / 40P
   Satellite sound receiver with I2C-bus control
1996 Mar 11
More results

Similar Description - TDA8741

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8740 PHILIPS-TDA8740 Datasheet
325Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8742 PHILIPS-TDA8742 Datasheet
284Kb / 21P
   Satellite sound circuit with noise reduction
October 1994
logo
List of Unclassifed Man...
NE646 ETC1-NE646 Datasheet
231Kb / 5P
   Dolby Noise Reduction Circuit
logo
NTE Electronics
NTE2004 NTE-NTE2004 Datasheet
24Kb / 2P
   Integrated Circuit Dolby Noise Reduction Circuit
logo
NXP Semiconductors
TDA8745 PHILIPS-TDA8745 Datasheet
261Kb / 40P
   Satellite sound receiver with I2C-bus control
1996 Mar 11
logo
NTE Electronics
NTE1859 NTE-NTE1859 Datasheet
28Kb / 3P
   Integrated Circuit dbx TV Noise Reduction Integrated Circuit
NTE15023 NTE-NTE15023 Datasheet
25Kb / 3P
   Integrated Circuit dbx TV Noise Reduction Integrated Circuit
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
NTE Electronics
NTE1801 NTE-NTE1801 Datasheet
22Kb / 3P
   Integrated Circuit TV dbx Noise Reduction System
NTE15014 NTE-NTE15014 Datasheet
22Kb / 3P
   Integrated Circuit Dual dbxII Noise Reduction System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com